Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM90N07-04B Datasheet(PDF) 2 Page - Analog Power

Part # AM90N07-04B
Description  N-Channel 75-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90N07-04B Datasheet(HTML) 2 Page - Analog Power

  AM90N07-04B Datasheet HTML 1Page - Analog Power AM90N07-04B Datasheet HTML 2Page - Analog Power AM90N07-04B Datasheet HTML 3Page - Analog Power AM90N07-04B Datasheet HTML 4Page - Analog Power AM90N07-04B Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM90N07-04B
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 60 V, VGS = 0 V
1
VDS = 60 V, VGS = 0 V, TJ = 55°C
25
On-State Drain Current
a
ID(on)
VDS = 5 V, VGS = 10 V
110
A
VGS = 10 V, ID = 45 A
5.8
VGS = 4.5 V, ID = 44 A
7.3
Forward Transconductance
a
gfs
VDS = 15 V, ID = 20 A
34
S
Diode Forward Voltage
a
VSD
IS = 55 A, VGS = 0 V
0.88
V
Total Gate Charge
Qg
58
Gate-Source Charge
Qgs
18
Gate-Drain Charge
Qgd
20
Turn-On Delay Time
td(on)
21
Rise Time
tr
19
Turn-Off Delay Time
td(off)
168
Fall Time
tf
40
Input Capacitance
Ciss
10529
Output Capacitance
Coss
402
Reverse Transfer Capacitance
Crss
284
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Dynamic
b
ns
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
rDS(on)
nC
VDS = 37.5 V, RL = 1.8 Ω,
ID = 20 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 37.5 V, VGS = 4.5 V,
ID = 20 A
Drain-Source On-Resistance
a
pF
VDS = 15 V, VGS = 0 V, f = 1 Mhz
© Preliminary
2
Publication Order Number:
DS_AM90N07-04B_1A


Similar Part No. - AM90N07-04B

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM90N07-09B ANALOGPOWER-AM90N07-09B Datasheet
336Kb / 5P
   N-Channel 75-V (D-S) MOSFET
More results

Similar Description - AM90N07-04B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90N08-6M8P VISHAY-SUP90N08-6M8P_09 Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SI7812DN VISHAY-SI7812DN_17 Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
logo
Analog Power
AM230N07-03B ANALOGPOWER-AM230N07-03B Datasheet
334Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-09B ANALOGPOWER-AM90N07-09B Datasheet
336Kb / 5P
   N-Channel 75-V (D-S) MOSFET
logo
Vishay Siliconix
SIE818DF VISHAY-SIE818DF Datasheet
192Kb / 10P
   N-Channel 75-V (D-S) MOSFET
Rev. B, 13-Jul-09
SUM110N08-07 VISHAY-SUM110N08-07 Datasheet
51Kb / 5P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 21-Oct-02
SI7174DP VISHAY-SI7174DP Datasheet
513Kb / 13P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com