Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CAT1163 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part No. CAT1163
Description  Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1163 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT1163 Datasheet HTML 2Page - Catalyst Semiconductor CAT1163 Datasheet HTML 3Page - Catalyst Semiconductor CAT1163 Datasheet HTML 4Page - Catalyst Semiconductor CAT1163 Datasheet HTML 5Page - Catalyst Semiconductor CAT1163 Datasheet HTML 6Page - Catalyst Semiconductor CAT1163 Datasheet HTML 7Page - Catalyst Semiconductor CAT1163 Datasheet HTML 8Page - Catalyst Semiconductor CAT1163 Datasheet HTML 9Page - Catalyst Semiconductor CAT1163 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
CAT1163
Doc. No. 3003, Rev. C
Any attempt to access the internal EEPROM is not
recognized and an ACK will not be sent on the SDA line
when RESET or
RESET is active.
Reset Threshold Voltage
The CAT1163 is offered with five reset threshold voltage
ranges. They are 4.50-4.75V, 4.25-4.50V, 3.00-3.15V,
2.85-3.00V and 2.55-2.70V.
Hardware Data Protection
The CAT1163 is designed with the following hardware
data protection features to provide a high degree of data
integrity.
(1) The CAT1163 features a WP pin. When the WP pin
is tied high the entire memory array becomes write
protected (read only).
(2) The VCC sense provides write protection when VCC
falls below the reset threshold value (VTH). The VCC lock
out inhibits writes to the serial EEPROM whenever VCC
falls below (power down) VTH or until VCC reaches the
reset threshold (power up) VTH.
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
Figure 2. Bus Timing
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
Figure 3. Write Cycle Timing
START BIT
SDA
STOP BIT
SCL
Figure 4. Start/Stop Timing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CAT1161 Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller and Watchdog Timer 1  2  3  4  5  More Catalyst Semiconductor
CAT24C161 Supervisory Circuits with I2C Serial CMOS E2PROM Precision Reset Controller and Watchdog Timer 1  2  3  4  5  More Catalyst Semiconductor
CAT24C163 Supervisory Circuits with I2C Serial CMOS E2PROM Precision Reset Controller and Watchdog Timer 1  2  3  4  5  More Catalyst Semiconductor
CAT24C321 Supervisory Circuits with I2C Serial CMOS E2PROM Precision Reset Controller and Watchdog Timer 1  2  3  4  5  More Catalyst Semiconductor
CAT24C323 Supervisory Circuits with I2C Serial CMOS E2PROM Precision Reset Controller and Watchdog Timer 1  2  3  4  5  More Catalyst Semiconductor
CAT1021 Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM Manual Reset and Watchdog Timer 1  2  3  4  5  More Catalyst Semiconductor
CAT93CXXXX Supervisory Circuits with Microwire Serial CMOS E2PROM Precision Reset Controller and Watchdog Timer 1  2  3  4  5  More Catalyst Semiconductor
CAT25CXXX Supervisory Circuits with SPI Serial E2PROM Precision Reset Controller and Watchdog Timer 1  2  3  4  5  More Catalyst Semiconductor
CAT1024 Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset 1  2  3  4  5  More Catalyst Semiconductor
S93WD462 Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory 1  2  3  4  5  More Summit Microelectronics, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn