Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78L09 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # 78L09
Description  Plastic-Encapsulate Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

78L09 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  78L09 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 78L09 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Voltage Regulator
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Maximum Output current
IO: 0.1 A
Output voltage
VO: 9V
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies)
Parameter
Symbol
Value
Unit
Input Voltage
VI
30
V
Operating Junction Temperature Range
TOPR
0-125
Storage Temperature Range
TSTG
-65-150
ELECTRICAL CHARACTERISTICS (Vi=10V,Io=500mA,Ci=0.33μF, Co=0.1μF, unless otherwise specified )
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Output voltage
Vo
25
8.64
9.0
9.36
V
12V≤V l≤24V, Io=1mA-40mA
0-125
8.55
9.0
9.45
V
Io=1mA-70mA
8.55
9.0
9.45
V
Load Regulation
△Vo Io=1mA-100mA
25
19
90
mV
Io=1mA-40mA
25
11
40
mV
Line regulation
△Vo 12V≤Vl≤24V
25
45
175
mV
13V≤V l≤24V
25
40
125
mV
Quiescent Current
Iq
25
4.1
6.0
mA
Quiescent Current Change
△Iq 13V≤V
l≤24V
0-125
1.5
mA
△Iq 1mA≤I
O≤40mA
0-125
0.1
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
25
58
uV
Ripple Rejection
RR
15V≤V l≤25V,f=120Hz
0-125
45
dB
Dropout Voltage
Vd
25
1.7
V
78L09
Continuous total dissipation
PD: 0.625 W (Ta=25
)
1.OUT
2.GND
TO-92
3.IN


Similar Part No. - 78L09

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L09 WINGS-78L09 Datasheet
155Kb / 2P
   Positve-Voltage Regulators
logo
Guangdong Youtai Semico...
78L09 UMW-78L09 Datasheet
3Mb / 12P
   3-TERMINAL 0.15A POSITIVE VOLTAGE REGULATORS
logo
Daya Electric Group Co....
78L09 DAYA-78L09 Datasheet
765Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
logo
Guangdong Youtai Semico...
78L09 UMW-78L09 Datasheet
2Mb / 13P
   Three-terminal voltage stabilizing circuit—78L XX
logo
Foshan Blue Rocket Elec...
78L09 FOSHAN-78L09 Datasheet
976Kb / 6P
   Voltage Regulator in a TO-92 Plastic Package
More results

Similar Description - 78L09

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM7812 HMSEMI-HM7812 Datasheet
421Kb / 1P
   Plastic-Encapsulate Voltage Regulator
logo
GUANGDONG HOTTECH INDUS...
78L05 HOTTECH-78L05 Datasheet
279Kb / 2P
   Plastic-Encapsulate Voltage Regulator
78L15 HOTTECH-78L15 Datasheet
278Kb / 2P
   Plastic-Encapsulate Voltage Regulator
78M05 HOTTECH-78M05 Datasheet
540Kb / 1P
   Plastic-Encapsulate Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM7808 HMSEMI-HM7808 Datasheet
368Kb / 2P
   Plastic-Encapsulate Voltage Regulator
logo
GUANGDONG HOTTECH INDUS...
78L08 HOTTECH-78L08 Datasheet
279Kb / 2P
   Plastic-Encapsulate Voltage Regulator
78M12 HOTTECH-78M12 Datasheet
730Kb / 1P
   Plastic-Encapsulate Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM7809 HMSEMI-HM7809 Datasheet
425Kb / 1P
   Plastic-Encapsulate Voltage Regulator
HM7806 HMSEMI-HM7806 Datasheet
328Kb / 2P
   Plastic-Encapsulate Voltage Regulator
logo
GUANGDONG HOTTECH INDUS...
78L06 HOTTECH-78L06 Datasheet
280Kb / 2P
   Plastic-Encapsulate Voltage Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com