Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV018A Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90LV018A
Description  3V LVDS Single CMOS Differential Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV018A Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90LV018A Datasheet HTML 1Page - National Semiconductor (TI) DS90LV018A Datasheet HTML 2Page - National Semiconductor (TI) DS90LV018A Datasheet HTML 3Page - National Semiconductor (TI) DS90LV018A Datasheet HTML 4Page - National Semiconductor (TI) DS90LV018A Datasheet HTML 5Page - National Semiconductor (TI) DS90LV018A Datasheet HTML 6Page - National Semiconductor (TI) DS90LV018A Datasheet HTML 7Page - National Semiconductor (TI) DS90LV018A Datasheet HTML 8Page - National Semiconductor (TI) DS90LV018A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Applications Information (Continued)
less EMI due to field canceling effects and also tend to pick
up electromagnetic radiation a common-mode (not differen-
tial mode) noise which is rejected by the receiver.
For cable distances < 0.5M, most cables can be made to
work effectively. For distances 0.5M
≤ d ≤ 10M, CAT 3 (cat-
egory 3) twisted pair cable works well, is readily available
and relatively inexpensive.
Pin Descriptions
Pin No.
Name
Description
1R
IN-
Inverting receiver input pin
2R
IN+
Non-inverting receiver input pin
7R
OUT
Receiver output pin
8V
CC
Power supply pin, +3.3V ± 0.3V
5
GND
Ground pin
3, 4, 6
NC
No connection
Ordering Information
Operating
Package Type/
Order Number
Temperature
Number
−40˚C to +85˚C
SOP/M08A
DS90LV018ATM
Typical Performance Characteristics
Output High Voltage vs
Power Supply Voltage
DS100078-7
Output Low Voltage vs
Power Supply Voltage
DS100078-8
5
www.national.com


Similar Part No. - DS90LV018A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018A TI-DS90LV018A Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
DS90LV018A TI1-DS90LV018A Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018ATM NSC-DS90LV018ATM Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018ATM TI-DS90LV018ATM Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
More results

Similar Description - DS90LV018A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV012A NSC-DS90LV012A Datasheet
162Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018ATMX TI-DS90LV018ATMX Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com