Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ90A Datasheet(PDF) 4 Page - PACELEADER INDUSTRIAL

Part # 5.0SMDJ90A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

5.0SMDJ90A Datasheet(HTML) 4 Page - PACELEADER INDUSTRIAL

  5.0SMDJ90A Datasheet HTML 1Page - PACELEADER INDUSTRIAL 5.0SMDJ90A Datasheet HTML 2Page - PACELEADER INDUSTRIAL 5.0SMDJ90A Datasheet HTML 3Page - PACELEADER INDUSTRIAL 5.0SMDJ90A Datasheet HTML 4Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Uni-polar
Bi-polar
Uni
Bi
Min (V)
Max (V)
IT (mA)
Maximum
Clamping
Voltage
Vc (Volts)
@Ipp
TECHNOLOGIES
5.0SMDJ SERIES
Device
Marking
Code
Breakdown voltage VBR @
IT
Maximum
Reverse
Leakage
IR(uA)
@VRWM
Working
PeakReverse
Voltage
VRWM
(Volts)
Maximum
Reverse
Surge
Current
Ipp(A)
@10x1000us
sinewave
5.0SMDJ75
5.0SMDJ75C
5PGQ 5BGQ
83.3
102
1
5.0
75
37.7
134
5.0SMDJ75A
5.0SMDJ75CA
5PGR 5BGR
83.3
92.1
1
5.0
75
41.7
121
5.0SMDJ78
5.0SMDJ78C
5PGS 5BGS
86.7
106
1
5.0
78
36.3
139
5.0SMDJ78A
5.0SMDJ78CA
5PGT 5BGT
86.7
95.8
1
5.0
78
40.1
126
5.0SMDJ80
5.0SMDJ80C
5PGA 5BGA
89.0
109
1
5.0
80
35.3
143
5.0SMDJ80A
5.0SMDJ80CA
5PGB 5BGB
88.8
97.6
1
5.0
80
39.0
130
5.0SMDJ85
5.0SMDJ85C
5PGU 5BGU
94.4
115
1
5.0
85
33.4
151
5.0SMDJ85A
5.0SMDJ85CA
5PGV 5BGV
94.4
104
1
5.0
85
36.9
137
5.0SMDJ90
5.0SMDJ90C
5PGW 5BGW
100
122
1
5.0
90
31.6
160
5.0SMDJ90A
5.0SMDJ90CA
5PGX 5BGX
100
111
1
5.0
90
34.6
146
5.0SMDJ100
5.0SMDJ100C
5PGY 5BGY
111
136
1
5.0
100
28.2
179
5.0SMDJ100A 5.0SMDJ100CA 5PGZ 5BGZ
111
123
1
5.0
100
31.2
162
5.0SMDJ110
5.0SMDJ110C
5PHD 5BHD
122
149
1
5.0
110
25.8
196
5.0SMDJ110A 5.0SMDJ110CA 5PHE 5BHE
122
135
1
5.0
110
28.5
177
5.0SMDJ120
5.0SMDJ120C
5PHF 5BHF
133
163
1
5.0
120
23.6
214
5.0SMDJ120A 5.0SMDJ120CA 5PHG 5BHG
133
147
1
5.0
120
26.2
193
5.0SMDJ130
5.0SMDJ130C
5PHH 5BHH
144
176
1
5.0
130
21.9
231
5.0SMDJ130A 5.0SMDJ130CA 5PHK 5BHK
144
159
1
5.0
130
24.2
209
5.0SMDJ140
5.0SMDJ140C
5PHA 5BHA
156
190
1
5.0
140
20.2
251
5.0SMDJ140A 5.0SMDJ140CA 5PHB 5BHB
155
171
1
5.0
140
22.3
227
5.0SMDJ150
5.0SMDJ150C
5PHL 5BHL
167
204
1
5.0
150
18.8
268
5.0SMDJ150A 5.0SMDJ150CA 5PHM 5BHM
167
185
1
5.0
150
20.8
243
5.0SMDJ160
5.0SMDJ160C
5PHN 5BHN
178
218
1
5.0
160
17.6
287
5.0SMDJ160A 5.0SMDJ160CA 5PHP 5BHP
178
197
1
5.0
160
19.5
259
5.0SMDJ170
5.0SMDJ170C
5PHQ 5BHQ
189
231
1
5.0
170
16.6
304
5.0SMDJ170A 5.0SMDJ170CA 5PHR 5BHR
189
209
1
5.0
170
18.4
275
5.0SMDJ180
5.0SMDJ180C
5PHS 5BHS
200
245
1
5.0
180
15.7
322
5.0SMDJ180A 5.0SMDJ180CA 5PHT 5BHT
200
220
1
5.0
180
17.3
292
5.0SMDJ190
5.0SMDJ190C
5PHU 5BHU
211
258
1
5.0
190
14.8
340
5.0SMDJ190A 5.0SMDJ190CA 5PHV 5BHV
211
232
1
5.0
190
16.4
308
5.0SMDJ200A 5.0SMDJ200CA 5PHW 5BHW
224
247
1
5.0
200
9.3
324
5.0SMDJ220A 5.0SMDJ220CA 5PHX 5BHX
246
272
1
5.0
220
8.4
356
5.0SMDJ250A 5.0SMDJ250CA 5PHZ 5BHZ
279
309
1
5.0
250
7.4
405
5.0SMDJ300A 5.0SMDJ300CA 5PJE 5BJE
335
371
1
5.0
300
6.2
486
5.0SMDJ350A 5.0SMDJ350CA 5PJG 5BJG
391
432
1
5.0
350
5.3
567
5.0SMDJ400A 5.0SMDJ400CA 5PJK 5BJK
447
494
1
5.0
400
4.6
648
5.0SMDJ440A 5.0SMDJ440CA 5PJM 5BJM
492
543
1
5.0
440
4.2
713
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device.
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 20 volts and under, the IR limit is double .
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
5.0SMDJ SERIES
www.paceleader.tw
4


Similar Part No. - 5.0SMDJ90A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ90A MDE-5.0SMDJ90A Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
5.0SMDJ90A LITTELFUSE-5.0SMDJ90A Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Leiditech Elec...
5.0SMDJ90A LEIDITECH-5.0SMDJ90A Datasheet
3Mb / 10P
   TVS Surface Mount ??5000W
logo
Littelfuse
5.0SMDJ90A LITTELFUSE-5.0SMDJ90A Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Goodwork Semiconductor ...
5.0SMDJ90A GWSEMI-5.0SMDJ90A Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 5.0SMDJ90A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com