Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX55C2V4RL Datasheet(PDF) 6 Page - Motorola, Inc

Part No. BZX55C2V4RL
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX55C2V4RL Datasheet(HTML) 6 Page - Motorola, Inc

Back Button BZX55C2V4RL Datasheet HTML 2Page - Motorola, Inc BZX55C2V4RL Datasheet HTML 3Page - Motorola, Inc BZX55C2V4RL Datasheet HTML 4Page - Motorola, Inc BZX55C2V4RL Datasheet HTML 5Page - Motorola, Inc BZX55C2V4RL Datasheet HTML 6Page - Motorola, Inc BZX55C2V4RL Datasheet HTML 7Page - Motorola, Inc BZX55C2V4RL Datasheet HTML 8Page - Motorola, Inc BZX55C2V4RL Datasheet HTML 9Page - Motorola, Inc BZX55C2V4RL Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-102
500 mW DO-35 Glass Data Sheet
Figure 13. Zener Voltage versus Zener Current — VZ = 30 thru 105 Volts
VZ, ZENER VOLTAGE (VOLTS)
10
1
0.1
0.01
30
35
40
45
50
55
60
70
75
80
85
90
95
100
Figure 14. Zener Voltage versus Zener Current — VZ = 110 thru 220 Volts
VZ, ZENER VOLTAGE (VOLTS)
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
10
1
0.1
0.01
TA =25°
65
105


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
1N4370A 500 mW DO-35 Glass Zener Voltage Regulator Diodes 1  2  3  4  5  More Motorola, Inc
MZ4625 500 mW DO-35 Glass Zener Voltage Regulator Diodes 1  2  3  4  5  More Motorola, Inc
DO-204AH GLASS ZENER DIODES 500 MILLIWATTS 1.8.200 VOLTS 1  2  3  4  5  More Motorola, Inc
MMSZ3V3 ZENER VOLTAGE REGULATOR DIODES 1  2  3  4  Continental Device India Limited
1N6309 500 mW GLASS ZENER DIODES 1  2  Microsemi Corporation
1N5221UR 500 mW GLASS SURFACE MOUNT ZENER DIODES 1  2  3  Microsemi Corporation
BZX84C2V4LT1 225 mW SOT-23 Zener Voltage Regulator Diodes 1  2  3  4  5  More Motorola, Inc
LBZX84C2V4LT1 SEMICONDUCTOR Zener Voltage Regulator Diodes 1  2  3  4  5  Leshan Radio Company
TC1N4148 500 mW DO-35 Hermetically Sealed Glass Fast Switching Diodes 1  2  3  4  5  More List of Unclassifed Manufacturers
CBZX55CXXLC 500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators 1  2  3  Cystech Electonics Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn