Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP30-4815DE Datasheet(PDF) 3 Page - Recom International Power

Part # RP30-4815DE
Description  30 Watt Single & Dual Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-4815DE Datasheet(HTML) 3 Page - Recom International Power

  RP30-4815DE Datasheet HTML 1Page - Recom International Power RP30-4815DE Datasheet HTML 2Page - Recom International Power RP30-4815DE Datasheet HTML 3Page - Recom International Power RP30-4815DE Datasheet HTML 4Page - Recom International Power RP30-4815DE Datasheet HTML 5Page - Recom International Power RP30-4815DE Datasheet HTML 6Page - Recom International Power RP30-4815DE Datasheet HTML 7Page - Recom International Power RP30-4815DE Datasheet HTML 8Page - Recom International Power RP30-4815DE Datasheet HTML 9Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
±1%
Voltage Adjustability
±10%
Line Voltage Regulation
low line to high line at
full load
Single
Dual
±0.2%
±0.5%
Load Voltage Regulation
no load to full load
Single
Dual
±0.5%
±1.0%
Cross Regulation
asymmetrical 25%<>100% load
±5%
Transient Response recovery time
25% load step change
300µs typ.
continued on next page
RP30-E
Series
PD-3
REV.: 1/2016
www.recom-power.com
Efficiency vs. Output Current
Efficiency vs. Output Current
Efficiency vs. Input Voltage
Efficiency vs. Input Voltage
18Vin
24Vin
36Vin
Output Current [%]
10
65
70
75
45
50
55
40
60
80
95
90
20
40
60
80
100
30
50
70
90
85
36Vin
48Vin
75Vin
Output Current [%]
10
45
40
50
55
75
70
65
60
80
95
90
20
40
60
80
100
30
50
70
90
85
Input Voltage [VDC]
18
60
65
70
75
80
90
95
22
24
28
34
32
36
20
26
30
85
Input Voltage [VDC]
36
60
65
70
75
80
90
95
44
48
56
68
64
75
40
52
60
72
85
RP30-2405SE
RP30-4805SE


Similar Part No. - RP30-4815DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-4815DE RECOM-RP30-4815DE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP30-4815DE RECOM-RP30-4815DE Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-4815DEW RECOM-RP30-4815DEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RP30-4815DEW RECOM-RP30-4815DEW Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-4815DEW RECOM-RP30-4815DEW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-4815DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com