Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP30-1215DE Datasheet(PDF) 6 Page - Recom International Power

Part # RP30-1215DE
Description  30 Watt Single & Dual Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-1215DE Datasheet(HTML) 6 Page - Recom International Power

  RP30-1215DE Datasheet HTML 1Page - Recom International Power RP30-1215DE Datasheet HTML 2Page - Recom International Power RP30-1215DE Datasheet HTML 3Page - Recom International Power RP30-1215DE Datasheet HTML 4Page - Recom International Power RP30-1215DE Datasheet HTML 5Page - Recom International Power RP30-1215DE Datasheet HTML 6Page - Recom International Power RP30-1215DE Datasheet HTML 7Page - Recom International Power RP30-1215DE Datasheet HTML 8Page - Recom International Power RP30-1215DE Datasheet HTML 9Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PD-6
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP30-E
Series
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
UL General Safety
E196683
UL60950-1 1st. Ed.: 2003
C22.2 No. 60950 1st. Ed.: 2003
EMC Compliance
Condition
Standard / Criterion
EMI Standard(12)
with external filter
EN55022, Class A, Class B
ESD
Radiated Immunity
Fast Transient(13)
Surge(13)
Conducted Immunity
Air ±8kV and Contact ±6kC
10 V/m
±2kV
±1kV
10 Vr.m.s
EN61000-4-2, Criteria B
EN61000-4-3, Criteria A
EN61000-4-4, Criteria B
EN61000-4-5, Criteria B
EN61000-4-6, Criteria A
continued on next page
Input
Input
DC
DC
Fuse
C1
Fuse
C2
C1
C2
+VIN
+VOUT
-VOUT
-VIN
C4
C3
C3
DC
DC
+VIN
+VOUT
COM
-VOUT
-VIN
C4
Input
Input
DC
DC
Fuse
C1
Fuse
C2
C1
C2
+VIN
+VOUT
-VOUT
-VIN
C4
C3
C3
DC
DC
+VIN
+VOUT
COM
-VOUT
-VIN
C4
EMI Filtering Class A
Derating Graph(11)
Notes:
Note10: BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
Note11: Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-
number not shown here please contact our technical support service at techsupportAT@recom-power.com
-40
70
80 100 120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
60
-40
60
76
80 100 120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
RP30-483.3SE
RP30-483.3SE with Heat-sink
Notes:
Note10: The standard modues meet EMI Class A or Class B with external components, see filter suggestions below.
Note11: An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter
capacitor Recom suggests: Nippon chemi-con KY series, 220µF/100V


Similar Part No. - RP30-1215DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-1215DE RECOM-RP30-1215DE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP30-1215DE RECOM-RP30-1215DE Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-1215DE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com