Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP20-4815FDFR Datasheet(PDF) 4 Page - Recom International Power

Part # RP20-4815FDFR
Description  DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-4815FDFR Datasheet(HTML) 4 Page - Recom International Power

  RP20-4815FDFR Datasheet HTML 1Page - Recom International Power RP20-4815FDFR Datasheet HTML 2Page - Recom International Power RP20-4815FDFR Datasheet HTML 3Page - Recom International Power RP20-4815FDFR Datasheet HTML 4Page - Recom International Power RP20-4815FDFR Datasheet HTML 5Page - Recom International Power RP20-4815FDFR Datasheet HTML 6Page - Recom International Power RP20-4815FDFR Datasheet HTML 7Page - Recom International Power RP20-4815FDFR Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PD-4
REV.: 0/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP20-FR
Series
External Output Trimming
TRIM UP
TRIM DOWN
Output Voltage Trimming
Single output Powerline converters offer the feature of trimming the output voltage over a certain range around the nominal value by using
external trim resistors. No general equation can be given for calculating the trim resistors, but the following trimtables give typical values for
chosing these trimming resistors. If voltages between the given trim points are required, extrapolate between the two nearest given values to
work out the resis tor required or use a variable resistor to set the output voltage.
Output can be externally trimmed by using the method shown below.
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.333
3.366
3.399
3.432
3.465
3.498
3.531
3.564
3.597
3.63
Volts
R
U =
385.07
191.51
126.99
94.73
75.37
62.47
53.25
46.34
40.96
36.66
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
3.267
3.234
3.201
3.168
3.135
3.102
3.069
3.036
3.003
2.97
Volts
R
D =
116.72
54.78
34.13
23.81
17.62
13.49
10.54
8.33
6.60
5.23
KOhms
RP20-xx3.3SFR
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.4
5.45
5.50
Volts
R
U =
253.45
125.70
83.18
61.83
49.05
40.53
34.45
29.89
26.34
23.50
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
4.95
4.90
4.85
4.80
4.75
4.70
4.65
4.60
4.55
4.50
Volts
R
D =
248.34
120.59
78.01
56.72
43.94
35.42
29.34
24.78
21.23
18.39
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
12.12
12.24
12.36
12.48
12.60
12.72
12.84
12.96
13.08
13.20
Volts
R
U =
203.22
99.06
64.33
46.97
36.56
29.61
24.65
20.93
18.04
15.72
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
11.88
11.76
11.64
11.52
11.40
11.28
11.16
11.04
10.92
10.8
Volts
R
D =
776.56
380.72
248.78
182.81
143.22
116.83
97.99
83.84
72.85
64.06
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout =
15.15
15.3
15.45
15.60
15.75
15.90
16.05
16.20
16.35
16.50
Volts
R
U =
161.56
78.22
50.45
36.56
28.22
22.67
18.70
15.72
13.41
11.56
KOhms
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout =
14.85
14.70
14.55
14.40
14.25
14.10
13.95
13.80
13.65
13.50
Volts
R
D =
515.22
401.56
262.67
193.22
151.56
123.78
103.94
89.06
77.48
68.22
KOhms
RP20-xx05SFR
RP20-xx12SFR
RP20-xx15SFR
RU
5
4
RD
4
3


Similar Part No. - RP20-4815FDFR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-4815DA RECOM-RP20-4815DA Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-4815DAW RECOM-RP20-4815DAW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
RP20-4815DAW RECOM-RP20-4815DAW Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
RP20-4815DE RECOM-RP20-4815DE Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
RP20-4815DE RECOM-RP20-4815DE Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
More results

Similar Description - RP20-4815FDFR

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com