Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP40-1205SG Datasheet(PDF) 2 Page - Recom International Power

Part # RP40-1205SG
Description  40 Watt Single, Dual & Triple Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-1205SG Datasheet(HTML) 2 Page - Recom International Power

  RP40-1205SG Datasheet HTML 1Page - Recom International Power RP40-1205SG Datasheet HTML 2Page - Recom International Power RP40-1205SG Datasheet HTML 3Page - Recom International Power RP40-1205SG Datasheet HTML 4Page - Recom International Power RP40-1205SG Datasheet HTML 5Page - Recom International Power RP40-1205SG Datasheet HTML 6Page - Recom International Power RP40-1205SG Datasheet HTML 7Page - Recom International Power RP40-1205SG Datasheet HTML 8Page - Recom International Power RP40-1205SG Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PD-2
REV.: 1/2016
www.recom-power.com
DC/DC Converter
RP40-G
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin= 12V
nom. Vin= 24V
nom. Vin= 48V
9VDC
18VDC
36VDC
12VDC
24VDC
48VDC
18VDC
36VDC
75VDC
Under Voltage Lockout (UVLO)
Vin = 12V
DC-DC ON
DC-DC OFF
8VDC
9VDC
Vin = 24V
DC-DC ON
DC-DC OFF
16VDC
17.8VDC
Vin = 48V
DC-DC ON
DC-DC OFF
34VDC
36VDC
Input Filter
L-C Type
Input Reflected Ripple Current(5)
nominal Vin and full load
40mAp-p
Input Surge Voltage
Vin = 12V, 100ms max.
Vin = 24V, 100ms max.
Vin = 48V, 100ms max.
36VDC
50VDC
100VDC
Start-up time
Power up
Remote ON/OFF
25ms
25ms
270kHz
300kHz
330kHz
Minimum Load
of full load
Single
Dual and Triple
0%
10%
Ripple and Noise
measured by 20MHz bandwidth
with a 0.1μF/50V MLCC
Single
3.3Vout, 5 Vout
12Vout, 15Vout
50mVp-p
75mVp-p
Dual
12Vout
15Vout
120mVp-p
150mVp-p
Triple
3.3Vout, 5 Vout
12Vout, 15Vout
50mVp-p
75mVp-p
Remote ON/OFF(6)
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3.0V < Vr < 12V
Short or 0V < Vr < 1.2V
Input current of Remote pin (CTRL)
DC-DC OFF
2.5mA
DC-DC ON
-0.5mA
0.5mA
continued on next page
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
Notes:
Note5: Simulated source impedance of 12μH. 12μH inductor in series with +Vin.
Note6: The ON/OFF control pin voltage is referenced to -Vin pin.
Efficiency vs. Output Current
Efficiency vs. Input Voltage
9Vin
12Vin
18Vin
Output Current [%]
10
50
55
40
45
60
95
90
20
40
60
80
100
30
50
70
90
65
70
75
80
85
Input Voltage [VDC]
9
60
65
70
75
80
90
11
12
14
17
16
10
13
15
18
85
RP40-1205SG


Similar Part No. - RP40-1205SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-1205SG RECOM-RP40-1205SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1205SG RECOM-RP40-1205SG Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
More results

Similar Description - RP40-1205SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com