Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP30-123.3SF Datasheet(PDF) 2 Page - Recom International Power

Part # RP30-123.3SF
Description  30 Watt Single & Dual Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-123.3SF Datasheet(HTML) 2 Page - Recom International Power

  RP30-123.3SF Datasheet HTML 1Page - Recom International Power RP30-123.3SF Datasheet HTML 2Page - Recom International Power RP30-123.3SF Datasheet HTML 3Page - Recom International Power RP30-123.3SF Datasheet HTML 4Page - Recom International Power RP30-123.3SF Datasheet HTML 5Page - Recom International Power RP30-123.3SF Datasheet HTML 6Page - Recom International Power RP30-123.3SF Datasheet HTML 7Page - Recom International Power RP30-123.3SF Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PD-2
REV.: 1/2016
www.recom-power.com
DC/DC Converter
RP30-F
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin = 12V
nom. Vin = 24V
nom. Vin = 48V
9VDC
18VDC
36VDC
12VDC
24VDC
48VDC
18VDC
36VDC
75VDC
Under Voltage Lockout (UVLO)
Vin = 12V
DC-DC ON
DC-DC OFF
8VDC
9VDC
Vin = 24V
DC-DC ON
DC-DC OFF
16VDC
18VDC
Vin = 48V
DC-DC ON
DC-DC OFF
32VDC
36VDC
Input Filter
Pi-Type
Input Reflected Ripple Current(5)
nominal Vin and full load
20mAp-p
Input Surge Voltage
Vin = 12V, 100ms max.
Vin = 24V, 100ms max.
Vin = 48V, 100ms max.
25VDC
50VDC
100VDC
Start-up time
Power up
Remote ON/OFF
30ms
30ms
Operating Frequency Range
387kHz
430kHz
473kHz
Minimum Load
0%
Ripple and Noise
measured by 20Mhz bandwidth
with a 1µF/50V MLCC
3.3Vout, 5Vout
12Vout, 15Vout
100mVp-p
150mVp-p
Remote ON/OFF(6)
Positive Logic
DC-DC ON
DC-DC OFF
Open or 3.0V < Vr < 12V
Short or 0V < Vr < 1.2V
Negative Logic
DC-DC ON
DC-DC OFF
Short or 0V < Vr < 1.2V
Open or 3.0V < Vr < 12V
Input current of Remote pin (CTRL)
DC-DC OFF
3mA
DC-DC ON
-0.5mA
0.5mA
continued on next page
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
Notes:
Note5: Simulated source impedance of 12µH. 12µH inductor in series with +Vin.
Note6: The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to -Vin pin.
Efficiency vs. Output Current
Efficiency vs. Input Voltage
9Vin
12Vin
18Vin
Output Current [%]
10
70
65
60
55
50
45
40
75
95
90
20
40
60
80
100
30
50
70
90
80
85
Input Voltage [VDC]
9
65
70
75
80
85
95
11
12
14
17
16
10
13
15
18
90
RP30-1205SF


Similar Part No. - RP30-123.3SF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-123.3SE RECOM-RP30-123.3SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP30-123.3SE RECOM-RP30-123.3SE Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-123.3SE RECOM-RP30-123.3SE Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-123.3SF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com