Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP30-1212SE Datasheet(PDF) 1 Page - Recom International Power

Part # RP30-1212SE
Description  30 Watt Single & Dual Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-1212SE Datasheet(HTML) 1 Page - Recom International Power

  RP30-1212SE Datasheet HTML 1Page - Recom International Power RP30-1212SE Datasheet HTML 2Page - Recom International Power RP30-1212SE Datasheet HTML 3Page - Recom International Power RP30-1212SE Datasheet HTML 4Page - Recom International Power RP30-1212SE Datasheet HTML 5Page - Recom International Power RP30-1212SE Datasheet HTML 6Page - Recom International Power RP30-1212SE Datasheet HTML 7Page - Recom International Power RP30-1212SE Datasheet HTML 8Page - Recom International Power RP30-1212SE Datasheet HTML 9Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
Regulated
Converters
• 2:1 Wide Input Voltage Range
• 1.6kVDC Isolation
• UL Certified
• Efficiency up to 90%
• Six-Sided Continuous Shield
• Available as Power Module (RPM30-E)
PD-1
REV.: 1/2016
www.recom-power.com
DC/DC Converter
3 YEAR
warranty
3
Description
The RP30-E series DC/DC converters are certified to UL 60950-1 and cUL 60950-1. This makes them
ideal for all telecom and industrial applications where approved safety standards are required. The
industry standard 2” x 1.6” package meets military standards for thermal shock and vibration tolerance
E196683
30 Watt
Single &
Dual
Output
RP30-E
Selection Guide
Part Number
Input
Output
Output
Input(1) Efficiency(1) Max. Capacitive
Voltage Range
Voltage
Current
Current
typ.
Load(2)
[VDC]
[VDC]
[mA]
[mA]
[%]
[µF]
RP30-123.3SE(3,4)
9-18
3.3
6000
1941
85
19500
RP30-1205SE(3,4)
9-18
5
6000
2874
87
10200
RP30-1212SE(3,4)
9-18
12
2500
2841
88
3240
RP30-1215SE(3,4)
9-18
15
2000
2841
88
1100
RP30-243.3SE(3,4)
18-36
3.3
6000
959
86
19500
RP30-2405SE(3,4)
18-36
5
6000
1420
88
10200
RP30-2412SE(3,4)
18-36
12
2500
1404
89
3240
RP30-2415SE(3,4)
18-36
15
2000
1404
89
1100
RP30-483.3SE(3,4)
36-75
3.3
6000
474
87
19500
RP30-4805SE(3,4)
36-75
5
6000
702
89
10200
RP30-4812SE(3,4)
36-75
12
2500
694
90
3240
RP30-4815SE(3,4)
36-75
15
2000
694
90
1100
RP30-1212DE(3,4)
9-18
±12
±1250
2874
87
±1020
RP30-1215DE(3,4)
9-18
±15
±1000
2874
87
±675
RP30-2412DE(3,4)
18-36
±12
±1250
1420
88
±1020
RP30-2415DE(3,4)
18-36
±15
±1000
1420
88
±675
RP30-4812DE(3,4)
36-75
±12
±1250
710
88
±1020
RP30-4815DE(3,4)
36-75
±15
±1000
710
88
±675
UL60950-1 Certified
Model Numbering
Ordering Examples
RP30-2405SE = 24V Input, 5V Output, Positive Logic CTRL pin.
RP30-4812DE-HC = 48V Input, ±12V Output, Positive Logic CTRL pin, Heat-sink fitted
Input Voltage
Output Voltage
Single or Dual
RP30-__ __ _E/_ _
Package(4)
Control Logic(3)
Notes:
Note3: no suffix for CTRL function with Positive Logic (1=ON, 0=OFF)
Note4: add suffix -HC for premounted Heat-sink and clips
Notes:
Note1: Maximum value at nominal input voltage and full load of standard type.
Note2: Test by minimum Vin and constant resistor load.


Similar Part No. - RP30-1212SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-1212SE RECOM-RP30-1212SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP30-1212SE RECOM-RP30-1212SE Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-1212SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com