Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP20-483.3SFR Datasheet(PDF) 5 Page - Recom International Power

Part # RP20-483.3SFR
Description  DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-483.3SFR Datasheet(HTML) 5 Page - Recom International Power

  RP20-483.3SFR Datasheet HTML 1Page - Recom International Power RP20-483.3SFR Datasheet HTML 2Page - Recom International Power RP20-483.3SFR Datasheet HTML 3Page - Recom International Power RP20-483.3SFR Datasheet HTML 4Page - Recom International Power RP20-483.3SFR Datasheet HTML 5Page - Recom International Power RP20-483.3SFR Datasheet HTML 6Page - Recom International Power RP20-483.3SFR Datasheet HTML 7Page - Recom International Power RP20-483.3SFR Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating
with derating
-40°C to +79°C
-40°C to +101°C
Maximum Case Temperature
+105°C
Temperature Coefficient
±0.02%/°C max.
Thermal Impedance
Natural convection (20LFM) without Heat-sink
Natual convection (20LFM) with Heat-sink
12°C/W
10°C/W
Operating Humidity
5% - 95% RH
Shock
EN61373, MIL-STD-810F
Thermal Shock
MIL-STD-810F
Vibration
EN61373, MIL-STD-810F
MTBF
MIL-HDBK-217F
1523 x 103 hours
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP20-FR
Series
PD-5
REV.: 0/2016
www.recom-power.com
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
continuous, automatic recovery
Over Voltage Protection (OVP)
Zener Diode Clamp
3.3Vout
5Vout
12Vout
15Vout
3.7VDC - 5.4VDC
5.6VDC - 7.0VDC
13.5VDC - 19.6VDC
16.8VDC - 20.5VDC
Over Load Protection (OLP)
% Iout rated
150% typ.
Isolation Voltage
I/P to O/P
I/P to O/P to case
1.6kVDC/1minute
1.6kVDC/1minute
Isolation Resistance
500 VDC
1G
Ω min.
Isolation Capacitance
3000pF max.
Notes:
Note5: This power module is not internally fused. An input line fuse must always be used.
Notes:
Note6: Derating graphs are valid only for the shown part numbers. If you need detailed derating-information about a part-
number not shown here please contact our technical support service at techsupportAT@recom-power.com
-40
60
80
79
100
101
120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
-40
60
80
85
100
101
120
40
20
0
-20
0
20
40
60
80
100
Ambient Temperature [°C]
Derating Graph(6)
RP20-2415SFR
RP20-2415SFR-HC


Similar Part No. - RP20-483.3SFR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-483.3SF RECOM-RP20-483.3SF Datasheet
125Kb / 3P
   POWERLINE - DC/DC - CONVERTER
RP20-483.3SF RECOM-RP20-483.3SF Datasheet
96Kb / 4P
   20 Watt 2inch x 1inch Package Single & Dual Output
RP20-483.3SF RECOM-RP20-483.3SF Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RP20-483.3SF RECOM-RP20-483.3SF Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-483.3SFN RECOM-RP20-483.3SFN Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
More results

Similar Description - RP20-483.3SFR

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com