Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP20-2405SFW Datasheet(PDF) 7 Page - Recom International Power

Part # RP20-2405SFW
Description  20 Watt Single & Dual Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP20-2405SFW Datasheet(HTML) 7 Page - Recom International Power

  RP20-2405SFW Datasheet HTML 1Page - Recom International Power RP20-2405SFW Datasheet HTML 2Page - Recom International Power RP20-2405SFW Datasheet HTML 3Page - Recom International Power RP20-2405SFW Datasheet HTML 4Page - Recom International Power RP20-2405SFW Datasheet HTML 5Page - Recom International Power RP20-2405SFW Datasheet HTML 6Page - Recom International Power RP20-2405SFW Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Quantity
without Heat-sink
with Heat-sink
Tube
Tray
9pcs.
20pcs.
Storage Temperature Range
-55°C to +125°C
Storage Humidity
5% - 95% RH
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP20-FW
Series
PD-7
REV.: 1/2016
www.recom-power.com
Dimension Drawing (mm)
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
Com
5
-Vout
-Vout
6
CTRL
CTRL
Pin Pitch Tolerance ±0.25 mm
Pin Dimension Tolerance ±0.1mm
Tolerance: X.X ±0.5mm
X.XX ±0.25mm
Dimension Drawing (mm) with Heat-sink
6
2
1
5
4
3
Bottom View
50.8
20.30
15.20
25.4
5.10
2.5
15.20
20.32
Ø1.0
20.30
20.30
15.20
25.4
5.10
2.5
ø1.0
50.00
1.40
1.30
Top View
Heat-sink
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.


Similar Part No. - RP20-2405SFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP20-2405SFW RECOM-RP20-2405SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP20-2405SFWN RECOM-RP20-2405SFWN Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
More results

Similar Description - RP20-2405SFW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RPP20-W RECOM-RPP20-W Datasheet
147Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
RP20-F RECOM-RP20-F Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com