Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8281BD-IS Datasheet(PDF) 5 Page - Silicon Laboratories

Part # Si8281BD-IS
Description  4.0 Amp ISODrivers with Integrated DC-DC Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8281BD-IS Datasheet(HTML) 5 Page - Silicon Laboratories

  Si8281BD-IS Datasheet HTML 1Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 2Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 3Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 4Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 5Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 6Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 7Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 8Page - Silicon Laboratories Si8281BD-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
2.9 Desaturation Detection
The Si828x provides sufficient voltage and current to drive and keep the IGBT in saturation during on time to minimize power dissipa-
tion and maintain high efficiency operation. However, abnormal load conditions can force the IGBT out of saturation and cause perma-
nent damage to the IGBT.
To protect the IGBT during abnormal load conditions, the Si828x detects an IGBT desaturation condition, shuts down the driver upon
detecting a fault, and provides a fault indication to the controller. These integrated features provide desaturation protection with mini-
mum external BOM cost. The figure below illustrates the Si828x desaturation circuit. When the Si828x driver output is high, the internal
current source is on, and this current flows from the DSAT pin to charge the CBL capacitor. The voltage on the DSAT pin is monitored
by an internal comparator. Since the DSAT pin is connected to the IGBT collector through the DDSAT and a small RDSAT, its voltage is
almost the same as the VCE of the IGBT. If the VCE of the IGBT does not drop below the Si828x desaturation threshold voltage within a
certain time after turning on the IGBT (blanking period) the block will generate a fault signal. The Si828x desaturation hysteresis is fixed
at 220 mV and threshold is nominally 7 V.
VMID
DSAT
DESAT Sense
Driver Control Signal
Fault Signal
Driver Disable
CBL
RDSAT
DDSAT
7 V
Ich
g
Figure 2.3. Desaturation Circuit
As an additional feature, the block supports a blanking timer function to mask the turn-on transient of the external switching device and
avoid unexpected fault signal generation. This function requires an external blanking capacitor, CBL, of typically 390 pF between DSAT
and VMID pins. The block includes a 1 mA current source (IChg) to charge the CBL. This current source, the value of the external CBL,
and the programmed fault threshold, determine the blanking time (tBlanking).
tBlanking = CBL ×
V DESAT
Ichg
An internal nmos switch is implemented between DSAT and VMID to discharge the external blanking capacitor, CBL, and reset the
blanking timer. The current limiting RDSAT resistor protects the DSAT pin from large current flow toward the IGBT collector during the
IGBT’s body diode freewheeling period (with possible large collector’s negative voltage, relative to IGBT’s emitter).
2.10 Soft Shutdown
To avoid excessive dV/dt on the IGBT’s collector during fault shut down, the Si828x implements a soft shut down feature to discharge
the IGBT’s gate slowly. When soft shut down is activated, the high power driver goes inactive, and a weak pull down via VH and exter-
nal RH discharges the gate until the gate voltage level is reduced to the VSSB + 2 V level. The high power driver is then turned on to
clamp the IGBT gate voltage to VMID.
After the soft shut down, the Si828x driver output voltage is clamped low to keep the IGBT in the off state.
Si8281/82/83/84 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.5 | 4


Similar Part No. - Si8281BD-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8281BD-IS SKYWORKS-SI8281BD-IS Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
More results

Similar Description - Si8281BD-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8281 SKYWORKS-SI8281 Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
logo
Analog Devices
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com