Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5380 Datasheet(PDF) 42 Page - Silicon Laboratories

Part # SI5380
Description  Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5380 Datasheet(HTML) 42 Page - Silicon Laboratories

Back Button SI5380_16 Datasheet HTML 38Page - Silicon Laboratories SI5380_16 Datasheet HTML 39Page - Silicon Laboratories SI5380_16 Datasheet HTML 40Page - Silicon Laboratories SI5380_16 Datasheet HTML 41Page - Silicon Laboratories SI5380_16 Datasheet HTML 42Page - Silicon Laboratories SI5380_16 Datasheet HTML 43Page - Silicon Laboratories SI5380_16 Datasheet HTML 44Page - Silicon Laboratories SI5380_16 Datasheet HTML 45Page - Silicon Laboratories SI5380_16 Datasheet HTML 46Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Table 9.1. Pin Descriptions
Pin Name
Pin Number
Pin Type1
Function
XA
8
I
Crystal Input. Input pin for external crystal (XTAL). Alterna-
tively these pins can be driven with an external reference
clock (REFCLK). An internal register bit selects XTAL or
REFCLK mode. Default is XTAL mode. Single-ended inputs
must be connected to the XA pin, with the XB pin appropri-
ately terminated.
XB
9
I
X1
7
I
XTAL Shield. Connect these pins directly to the crystal
ground pins. Both the X1/X2 pins and Crystal ground pins
should be separated from the PCB ground plane. Refer to
the Reference Manual for layout guidelines.
X2
10
I
IN0
63
I
Clock Inputs. These pins accept an input clock for syn-
chronizing the device. They support both differential and
single-ended clock signals. Refer to 3.3.1 Input Configura-
tion and Terminations for input termination options. These
pins are high-impedance and must be terminated externally,
when being used. The negative side of the differential input
must be ac-grounded when accepting a single-ended clock.
Unused inputs may be left unconnected.
IN0b
64
I
IN1
1
I
IN1b
2
I
IN2
14
I
IN2b
15
I
IN3/FB_IN
61
I
Clock Input 3/External Feedback Input.
By default, these pins are used as the 4th clock input (IN3/
IN3b). They can also be used as the external feedback in-
put (FB_IN/FB_INb) for the optional zero delay mode. See
section 5.3.6 for details on the optional zero delay mode.
IN3b/FB_INb
62
I
Outputs
Si5380 Rev D Data Sheet
Pin Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 41


Similar Part No. - SI5380_16

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380-D-EVB SILABS-Si5380-D-EVB Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380-EVB SILABS-SI5380-EVB Datasheet
1Mb / 50P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380A-B-GM SILABS-SI5380A-B-GM Datasheet
1Mb / 50P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
Si5380A-D-GM SILABS-Si5380A-D-GM Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
More results

Similar Description - SI5380_16

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
SI5380 SILABS-SI5380 Datasheet
1Mb / 50P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
logo
Texas Instruments
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
logo
Integrated Device Techn...
MK1581-01 IDT-MK1581-01 Datasheet
229Kb / 11P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
logo
Renesas Technology Corp
MK1581-01 RENESAS-MK1581-01 Datasheet
410Kb / 12P
   LOW PHASE NOISE T1/E1 CLOCK GENERATOR
051310
logo
Texas Instruments
LMK03318 TI1-LMK03318 Datasheet
2Mb / 136P
[Old version datasheet]   Ultra-Low-Noise Jitter Clock Generator Family
LMK04828-EP TI-LMK04828-EP_V01 Datasheet
1Mb / 102P
[Old version datasheet]   LMK04828-EP Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
APRIL 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com