Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ26501 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26501
Description  SINGLE CELL LIION AND LIPOL BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26501 Datasheet(HTML) 2 Page - Texas Instruments

  BQ26501 Datasheet HTML 1Page - Texas Instruments BQ26501 Datasheet HTML 2Page - Texas Instruments BQ26501 Datasheet HTML 3Page - Texas Instruments BQ26501 Datasheet HTML 4Page - Texas Instruments BQ26501 Datasheet HTML 5Page - Texas Instruments BQ26501 Datasheet HTML 6Page - Texas Instruments BQ26501 Datasheet HTML 7Page - Texas Instruments BQ26501 Datasheet HTML 8Page - Texas Instruments BQ26501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
bq26501
SLUS586B − OCTOBER 2003 − REVISED MARCH 2004
2
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
bq26501
UNIT
Supply voltage range, VCC (all with respect to VSS)
−0.3 to 7.0
Input voltage range at SRP, SRN, RBI, and BAT (all with respect to VSS)
−0.3 to VCC + 0.3 V
V
Input voltage
HDQ, GPIO (with respect to VSS)
−0.3 to 7.0
V
Input voltage
GPIO (with respect to VSS) during EEPROM programming only
−0.3 to 22.0
Output sink current at GPIO, HDQ
5
mA
Operating free-air temperature range, TA
−20 to 70
Storage temperature range, Tstg
65
°C to 150°C
°C
Junction temperature range, TJ
−40
°C to 125°C
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
(1) Stresses beyond those listed under ”absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under ”recommended operating conditions” is
not implied. Exposure to Absolute Maximum Rated conditions for extended periods may affect device reliability
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC
2.6
4.5
V
Operating free-air temperature, TJ
−20
70
°C
Input voltage range at SRP and SRN, (with respect to VSS)
−100
100
mV
ELECTRICAL CHARACTERISTICS
TJ = −20°C to 70°C, TJ = TA, 2.6 V ≤ VCC ≤ 4.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENTS
ICC(ACT) Active current
VCC > VCC(min)
60
90
ICC(SLP) Sleep current
1.2
2.5
A
ICC(SHP) Ship current
0.9
1.7
µA
ICC(POR) Hibernate current
0 V < VCC < V(POR)
0.6
1.5
RBI current
RBI pin only,
VCC < V(POR)
20
nA
V(POR)
POR threshold
2.05
2.55
V
POR threshold hysteresis
100
mV
Input impedance on BAT pin
10
M
Input impedance on SRP, SRN pins
10
M
VOLTAGE MEASUREMENT
Measurement range
VCC = VI(BAT)
2.6
4.5
V
Reported voltage resolution
1
mV
Reported accuracy
−20
20
mV
Voltage update time
2
s
TEMPERATURE MEASUREMENT
Reported temperature resolution
0.25
°K
Reported temperature accuracy
−3
3
°K
Temperature update time
2
s


Similar Part No. - BQ26501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26501 TI1-BQ26501 Datasheet
1Mb / 33P
[Old version datasheet]   HANDHELD APPLICATIONS
BQ26501PW TI1-BQ26501PW Datasheet
1Mb / 33P
[Old version datasheet]   HANDHELD APPLICATIONS
BQ26501PWG4 TI1-BQ26501PWG4 Datasheet
1Mb / 33P
[Old version datasheet]   HANDHELD APPLICATIONS
BQ26501PWR TI1-BQ26501PWR Datasheet
1Mb / 33P
[Old version datasheet]   HANDHELD APPLICATIONS
BQ26501PWRG4 TI1-BQ26501PWRG4 Datasheet
1Mb / 33P
[Old version datasheet]   HANDHELD APPLICATIONS
More results

Similar Description - BQ26501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
logo
STMicroelectronics
STC3117 STMICROELECTRONICS-STC3117 Datasheet
839Kb / 34P
   Gas gauge IC with battery charger control for handheld applications
logo
Texas Instruments
BQ27010 TI-BQ27010 Datasheet
117Kb / 7P
[Old version datasheet]   SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
logo
STMicroelectronics
STC3115 STMICROELECTRONICS-STC3115 Datasheet
647Kb / 31P
   Gas gauge IC with alarm output for handheld applications
logo
Texas Instruments
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
   1-Cell Battery Monitor Gas Gauge IC
logo
Texas Instruments
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge and Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com