Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si5342-D-EVB Datasheet(PDF) 2 Page - Silicon Laboratories

Part # Si5342-D-EVB
Description  10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5342-D-EVB Datasheet(HTML) 2 Page - Silicon Laboratories

  Si5342-D-EVB Datasheet HTML 1Page - Silicon Laboratories Si5342-D-EVB Datasheet HTML 2Page - Silicon Laboratories Si5342-D-EVB Datasheet HTML 3Page - Silicon Laboratories Si5342-D-EVB Datasheet HTML 4Page - Silicon Laboratories Si5342-D-EVB Datasheet HTML 5Page - Silicon Laboratories Si5342-D-EVB Datasheet HTML 6Page - Silicon Laboratories Si5342-D-EVB Datasheet HTML 7Page - Silicon Laboratories Si5342-D-EVB Datasheet HTML 8Page - Silicon Laboratories Si5342-D-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
1. Features List
The Si5345/44/42 Rev D features are listed below:
• Generates any combination of output frequencies from any in-
put frequency
• Ultra-low jitter of 90 fs rms
• Input frequency range
• Differential: 8 kHz–750 MHz
• LVCMOS: 8 kHz–250 MHz
• Output frequency range
• Differential: 100 Hz to 1028 MHz
• LVCMOS: 100 Hz to 250 MHz
• Programmable jitter attenuation bandwidth: 0.1 Hz to 4 kHz
• Meets G.8262 EEC Option 1, 2 (SyncE)
• Highly configurable outputs compatible with LVDS, LVPECL,
LVCMOS, CML, and HCSL with programmable signal ampli-
tude
• Status monitoring (LOS, OOF, LOL)
• Hitless input clock switching: automatic or manual
• Locks to gapped clock inputs
• Free-run and holdover modes
• Optional zero delay mode
• Fastlock feature for low nominal bandwidths
• Glitchless on the fly output frequency changes
• DCO mode: as low as 0.001 ppb step size
• Core voltage
• VDD: 1.8 V ±5%
• VDDA: 3.3 V ±5%
• Independent output clock supply pins
• 3.3 V, 2.5 V, or 1.8 V
• Serial interface: I2C or SPI
• In-circuit programmable with non-volatile OTP memory
• ClockBuilder Pro software simplifies device configuration
• Si5345: 4 input, 10 output, 64-QFN 9×9 mm
• Si5344: 4 input, 4 output, 44-QFN 7×7 mm
• Si5342: 4 input, 2 output, 44-QFN 7×7 mm
• Temperature range: –40 to +85 °C
• Pb-free, RoHS-6 compliant
Si5345/44/42 Rev D Data Sheet
Features List
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 1


Similar Part No. - Si5342-D-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5342-D-EVB SKYWORKS-SI5342-D-EVB Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results

Similar Description - Si5342-D-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5395 SKYWORKS-SI5395 Datasheet
1Mb / 61P
   12-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier with Ultra-Low Jitter
Rev. 1.2
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com