Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5348 Datasheet(PDF) 28 Page - Silicon Laboratories

Part # SI5348
Description  Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5348 Datasheet(HTML) 28 Page - Silicon Laboratories

Back Button SI5348 Datasheet HTML 24Page - Silicon Laboratories SI5348 Datasheet HTML 25Page - Silicon Laboratories SI5348 Datasheet HTML 26Page - Silicon Laboratories SI5348 Datasheet HTML 27Page - Silicon Laboratories SI5348 Datasheet HTML 28Page - Silicon Laboratories SI5348 Datasheet HTML 29Page - Silicon Laboratories SI5348 Datasheet HTML 30Page - Silicon Laboratories SI5348 Datasheet HTML 31Page - Silicon Laboratories SI5348 Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
Table 5.4. Control Input Pin Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Si5348 Control Input Pins (I2C_SEL, A0/CSb, A1/SDO, SDA/SDIO, SCLK, RSTb, OE0b, OE1b, OE2b, FINC)
Input Voltage
VIL
0.3 ×
VDDIO1
V
VIH
0.7 ×
VDDIO1
V
Input Capacitance
CIN
2
pF
Input Resistance
RL
20
Minimum Pulse Width
PW
RSTb, FINC
100
ns
Update Rate
FUR
FINC
1
MHz
Si5348 Control Input Pin (FDEC)
Input Voltage
VIL
0.3 × VDDS
V
VIH
0.7 × VDDS
V
Input Capacitance
CIN
2
pF
Minimum Pulse Width
PW
FDEC
100
ns
Update Rate
FUR
FDEC
1
MHz
Note:
1. VDDIO is determined by the IO_VDD_SEL bit. It is selectable as VDDA or VDD.
Table 5.5. Differential Clock Output Specifications
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Output Frequency
fOUT
0.0001
712.5
MHz
fOUT1Hz
1 PPS signal only available
on Output 6
1
Hz
Duty Cycle
DC
fOUT < 400 MHz
48
52
%
400 MHz < fOUT < 712.5
MHz
45
55
%
Output-Output Skew
Using Same DSPLL
TSKS
Outputs on same DSPLL
(Measured at 712.5 MHz)
65
ps
OUT-OUTb Skew
TSK_OUT
Measured from the positive
to negative output pins
0
50
ps
Output Voltage Amplitude1
VOUT
VDDO = 3.3 V,
2.5 V, or 1.8 V
LVDS
350
430
510
mVpp_se
LVPECL
640
750
900
Si5348 Rev D Data Sheet
Electrical Specifications
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 27


Similar Part No. - SI5348

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5348 SKYWORKS-SI5348 Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
logo
Silicon Laboratories
SI5348-D SILABS-SI5348-D Datasheet
880Kb / 54P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
logo
Skyworks Solutions Inc.
SI5348-D SKYWORKS-SI5348-D Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
logo
Silicon Laboratories
Si5348-D-EVB SILABS-Si5348-D-EVB Datasheet
880Kb / 54P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
logo
Skyworks Solutions Inc.
SI5348-D-EVB SKYWORKS-SI5348-D-EVB Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
More results

Similar Description - SI5348

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5348-D SILABS-SI5348-D Datasheet
880Kb / 54P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
logo
Skyworks Solutions Inc.
SI5348-E SKYWORKS-SI5348-E Datasheet
1Mb / 52P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-SC) Clocks
Rev. 0.95
SI5348-D SKYWORKS-SI5348-D Datasheet
1Mb / 57P
   Network Synchronizer for SyncE/ 1588 PTP Telecom Boundary (T-BC) and Slave (T-TSC) Clocks
Rev. 1.1
logo
Microsemi Corporation
ZL30361 MICROSEMI-ZL30361 Datasheet
347Kb / 5P
   IEEE 1588 and Synchronous Ethernet Packet Clock Network Synchronizer
May 2013
logo
Integrated Device Techn...
82P33724 IDT-82P33724 Datasheet
239Kb / 13P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
logo
Renesas Technology Corp
82P33724 RENESAS-82P33724 Datasheet
984Kb / 56P
   Port Synchronizer for IEEE 1588 and Synchronous Ethernet
September 15, 2017
8A34012 RENESAS-8A34012 Datasheet
2Mb / 104P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
November 30, 2021
8A34011 RENESAS-8A34011 Datasheet
2Mb / 106P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
December 9, 2021
8A34013 RENESAS-8A34013 Datasheet
2Mb / 101P
   Port Synchronizer for IEEE 1588 Frequency and Time/Phase
February 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com