Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210X7R101-105K Datasheet(PDF) 10 Page - Silicon Laboratories

Part # C1210X7R101-105K
Description  NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C1210X7R101-105K Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button C1210X7R101-105K Datasheet HTML 5Page - Silicon Laboratories C1210X7R101-105K Datasheet HTML 6Page - Silicon Laboratories C1210X7R101-105K Datasheet HTML 7Page - Silicon Laboratories C1210X7R101-105K Datasheet HTML 8Page - Silicon Laboratories C1210X7R101-105K Datasheet HTML 9Page - Silicon Laboratories C1210X7R101-105K Datasheet HTML 10Page - Silicon Laboratories C1210X7R101-105K Datasheet HTML 11Page - Silicon Laboratories C1210X7R101-105K Datasheet HTML 12Page - Silicon Laboratories C1210X7R101-105K Datasheet HTML 13Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Si3402B-EVB
10
Rev. 1.1
A PPENDIX—Si3402B D ESIGN AND L AYOUT C HECKLIST
Introduction
Although the EVB design is pre-configured as a Class 3 PD with 5 V output, the schematics and layouts can easily
be adapted to meet a wide variety of common output voltages and power levels.
The
complete
EVB
design
databases
for
the
standard
5 V/Class 3
configuration
are
located
at
www.silabs.com/PoE under the “Documentation” link. Silicon Labs strongly recommends using these EVB
schematics and layout files as a starting point to ensure robust performance and avoid common mistakes in the
schematic capture and PCB layout processes.
Following are recommended design checklists that can assist in trouble-free development of robust PD designs.
Refer also to the Si3402B data sheet and AN956 when using the following checklists.
1. Design Planning Checklist:
a. Determine if your design requires an isolated or non-isolated topology. For more information, see
Section 4 of AN956.
b. Silicon Labs strongly recommends using the EVB schematics and layout files as a starting point as you
begin integrating the Si3402B into your system design process.
c. Determine your load’s power requirements (i.e., VOUT and IOUT consumed by the PD, including the
typical expected transient surge conditions). In general, to achieve the highest overall efficiency
performance of the Si3402B, choose the highest voltage used in your PD and then post regulate to the
lower supply rails, if necessary.
d. If your PD design consumes >7 W, be sure to bypass the Si3402B’s on-chip diode bridges with external
Schottky diode bridges or discrete diodes. Bypassing the Si3402B’s on-chip diode bridges with external
bridges or discrete Schottky diodes is required to help spread the heat generated in designs dissipating
>7W.
e. Based on your required PD power level, select the appropriate class resistor value by referring to Table 3
of AN956. This sets the Rclass resistor (R3 in Figure 1 on page 2).
2. General design checklist items:
a. ESD caps (C10–C17 in Figure 1) are strongly recommended for designs where system-level ESD
(IEC6100-4-2) must provide >15 kV tolerance.
b. If your design uses an AUX supply, be sure to include a 3 W surge limiting resistor in series with the AUX
supply for hot insertion. Refer to AN956 when AUX supply is 48 V.
c. Silicon Labs strongly recommends the inclusion of a minimum load (250 mW) to avoid switcher pulsing
when no load is present and to avoid false disconnection when less than 10 mA is drawn from the PSE.
If your load is not at least 250 mW, add a resistor load to dissipate at least 250 mW.
d. If using PLOSS function, make sure it’s properly terminated for connection in your PD subsystem. If
PLOSS is not needed, leave this pin floating.
3. Layout guidelines:
a. Make sure VNEG pin of the Si3402B is connected to the backside of the QFN package with an adequate
thermal plane, as noted in the data sheet and AN956.
b. Keep the trace length from connecting to SWO and retuning to Vss2 as short as possible. Make all of the
power (high current) traces as short, direct, and thick as possible. It is a good practice on a standard
PCB board to make the traces an absolute minimum of 15 mils (0.381 mm) per Ampere.
c. Usually, one standard via handles 200 mA of current. If the trace needs to conduct a significant amount
of current from one plane to the other, use multiple vias.


Similar Part No. - C1210X7R101-105K

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C1210X7R101- SILABS-C1210X7R101- Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
More results

Similar Description - C1210X7R101-105K

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
SI3402-EVB SILABS-SI3402-EVB Datasheet
1Mb / 14P
   NON-ISOLATED EVALUATION BOARD
SI3402ISO-EVB SILABS-SI3402ISO-EVB Datasheet
288Kb / 16P
   ISOLATED EVALUATION BOARD FOR THE Si3402
SI3400-EVB SILABS-SI3400-EVB Datasheet
225Kb / 14P
   The Si3400, Si3401, and Si3402 non-isolated evaluation
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com