Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMVA1211-001LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SMVA1211-001LF
Description  Hyperabrupt Junction Tuning Varactor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMVA1211-001LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMVA1211-001LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMVA1211-001LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMVA1211-001LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMVA1211-001LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMVA1211-001LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMVA1211-001LF Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATA SHEET • SMVA1211-001LF: HYPERABRUPT JUNCTION TUNING VARACTOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
203202B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • May 29, 2015
3
Table 4. Typical Capacitance Values
VR
(V)
CT (pF)
0
162.6
0.5
122.3
1.0
98.6
1.5
80.4
2.0
64.2
2.5
48.2
3.0
34.1
3.5
24.7
4.0
19.4
4.5
16.4
5.0
14.6
5.5
13.3
6.0
12.4
6.5
11.7
7.0
11.2
7.5
10.8
8.0
10.5
Typical Performance Characteristics
–3
–2
–1
0
+1
+2
+3
–40
–20
0
+20
+40
+60
+80
Temperature (°C)
VR = 1 V
VR = 4 V
Figure 1. Relative Capacitance Change vs Temperature
–40
–20
0
+20
+40
+60
+80
Temperature (°C)
–15
–10
–5
0
+5
+10
+15
Figure 2. Relative Series Resistance Change vs Temperature
@ 500 MHz


Similar Part No. - SMVA1211-001LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMVA1248-079LF SKYWORKS-SMVA1248-079LF Datasheet
504Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1253-079LF SKYWORKS-SMVA1253-079LF Datasheet
503Kb / 6P
   Hyperabrupt Junction Tuning Varactor
More results

Similar Description - SMVA1211-001LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1283-011 ALPHA-SMV1283-011 Datasheet
21Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1135-004 SKYWORKS-SMV1135-004 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMVA1470-004LF SKYWORKS-SMVA1470-004LF Datasheet
447Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMVA1705-004LF SKYWORKS-SMVA1705-004LF Datasheet
538Kb / 6P
   Hyperabrupt Junction Tuning Varactor
SMV1145-079LF SKYWORKS-SMV1145-079LF_15 Datasheet
600Kb / 6P
   Hyperabrupt Junction Tuning Varactor
logo
Alpha Industries
SMV1135 ALPHA-SMV1135 Datasheet
462Kb / 3P
   Hyperabrupt Junction Tuning Varactor
SMV1705-079 ALPHA-SMV1705-079 Datasheet
263Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV2022 ALPHA-SMV2022 Datasheet
170Kb / 2P
   Hyperabrupt Junction Tuning Varactor
SMV1281-011 ALPHA-SMV1281-011 Datasheet
449Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1272-079LF SKYWORKS-SMV1272-079LF Datasheet
424Kb / 6P
   Hyperabrupt Junction Tuning Varactor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com