Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKRG6R3E Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKRG6R3E
Description  Low profile, 105?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKRG6R3E Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKRG6R3E Datasheet HTML 1Page - United Chemi-Con, Inc. EKRG6R3E Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Low profile, 105
KRG
Series
・Low profile :φ4×7mm toφ18×25mm
・Endurance : 1,000 hours at 105℃
・Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃ after 2 minutes)
(at 20
℃, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-55 to +105
6.3 to 50Vdc
±20% (M)
I=0.01CV or 3
µA, whichever is greater.
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
When nominal capacitance exceeds 1,000µF, add 0.03 to the value above for each 1,000
µF increase.
Rated voltage (Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 1,000 hours
at 105
℃.
Rated voltage
6.3 to 16Vdc
25 to 50Vdc
Capacitance change
≦±25% of the initial value
≦±25% of the initial value
≦±20% of the initial value
D.F. (tan
δ)
D.F. (tan
δ)
≦200% of the initial specified value ≦200% of the initial specified value
Leakage current
≦The initial specified value
≦200% of the initial specified value
≦The initial specified value
≦The initial specified value
≦±20% of the initial value
≦200% of the initial specified value
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 500 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Rated voltage
6.3 to 16Vdc
25 to 50Vdc
Capacitance change
Leakage current
Characteristics
6.3V
0.28
6.3V
5
10
10V
0.24
10V
4
8
16V
0.20
25V
0.16
35V
0.14
50V
0.12
16V
3
6
25V
2
4
35V
2
3
50V
2
3
(tan
δ)
tan
δ(Max.)
◆DIMENSIONS [mm]
L'
15min.
4min.
Vent
(
φ10 and larger)
Sleeve (PET : Brown)
Gas escape end seal
(
φ4 toφ10)
(
φ12.5 toφ18)
or
Terminal Code : E
φD
φd
F
φD'
L'
4
0.45
-
1.5
5
0.45
0.5
2.0
6.3
0.45
0.5
2.5
8
-
0.6
3.5
10 & 12.5
-
0.6
5.0
16 & 18
-
0.8
7.5
7L
≧9L
φD+0.5max.
L+1.5max. (7L : L+1.0max.)
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 10
µF:100, 1,000µF:102)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3, 35V:350, 50V:500)
Series code
Category
E K R G A A A E A A A A A
A A A N
M
1
3
4
2
6
7
8
9
10
13
12
5
18
17
16
11
15
14
Please refer to "Product code guide (radial lead type)"
Downsized
Low profile
KRG
Downsized
KMG
P129
KMA
P113
117
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKRG6R3E

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKRG6R3ESS102MJ09S CHEMI-CON-EKRG6R3ESS102MJ09S Datasheet
45Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKRG6R3ESS103MM20S CHEMI-CON-EKRG6R3ESS103MM20S Datasheet
45Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKRG6R3ESS331MF09D CHEMI-CON-EKRG6R3ESS331MF09D Datasheet
45Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKRG6R3ESS470ME07D CHEMI-CON-EKRG6R3ESS470ME07D Datasheet
45Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKRG6R3ESS472ML15S CHEMI-CON-EKRG6R3ESS472ML15S Datasheet
45Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKRG6R3E

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKRG250E CHEMI-CON-EKRG250E Datasheet
363Kb / 2P
   Low profile, 105?
EKRG100E CHEMI-CON-EKRG100E Datasheet
363Kb / 2P
   Low profile, 105?
EKRG350E CHEMI-CON-EKRG350E Datasheet
363Kb / 2P
   Low profile, 105?
EKRG160E CHEMI-CON-EKRG160E Datasheet
363Kb / 2P
   Low profile, 105?
EKRG500E CHEMI-CON-EKRG500E Datasheet
363Kb / 2P
   Low profile, 105?
ELXV6R3E CHEMI-CON-ELXV6R3E Datasheet
438Kb / 3P
   Low impedance, 105?
ELXV500E CHEMI-CON-ELXV500E Datasheet
438Kb / 3P
   Low impedance, 105?
EMZJ100ADA CHEMI-CON-EMZJ100ADA Datasheet
475Kb / 2P
   Low ESR, 105?
EMVY6R3ADA CHEMI-CON-EMVY6R3ADA Datasheet
410Kb / 2P
   Low impedance, 105?
EMZA101ARA CHEMI-CON-EMZA101ARA Datasheet
424Kb / 2P
   Low impedance, 105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com