Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTX421U Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTX421U
Description  EPITAXIAL PLANAR NPN TRANSISTOR N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX421U Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTX421U Datasheet HTML 1Page - KEC(Korea Electronics) KTX421U Datasheet HTML 2Page - KEC(Korea Electronics) KTX421U Datasheet HTML 3Page - KEC(Korea Electronics) KTX421U Datasheet HTML 4Page - KEC(Korea Electronics) KTX421U Datasheet HTML 5Page - KEC(Korea Electronics) KTX421U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POWER MANAGEMENT.
FEATURES
Including two devices in US6.
(Ultra Super mini type with 6 leads)
Simplify circuit design.
Reduce a quantity of parts and manufacturing process.
DIM
MILLIMETERS
A
B
D
G
US6
2.00 0.20
1.25 0.1
2.1 0.1
0.2+0.10/-0.05
0-0.1
0.9 0.1
0.65
0.15+0.1/-0.05
B1
H
C
T
G
1
3
2
B
B1
D
T
6
4
1.3 0.1
A1
5
+_
+_
+_
+_
+_
1. Q EMITTER
4. Q SOURCE
3. Q DRAIN
5. Q GATE
6. Q COLLECTOR
1
2
2. Q BASE
1
1
2
2
2008. 9. 23
1/6
SEMICONDUCTOR
TECHNICAL DATA
KTX421U
Revision No : 1
Q1 MAXIMUM RATING (Ta=25 )
12
3
6
54
Q1
Q2
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
15
V
Collector-Emitter Voltage
VCEO
12
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
500
mA
ICP *
1
A
Collector Power Dissipation
PC *
150
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
Q2 MAXIMUM RATING (Ta=25 )
BS
123
4
5
6
Lot No.
Type Name
MARKING
EQUIVALENT CIRCUIT (TOP VIEW)
* Single Pulse PW=1mS.
** 120mW per element must not be exceeded. Each terminal mounted on a recommended land.
THIS TRANSISTOR IS ELECTROSTATIC SENSITIVE DEVICE.
PLEASE HANDLE WITH CAUTION.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGSS
20
V
DC Drain Current
ID
100
mA
Drain Power Dissipation
PC **
150
mW
Channel Temperature
Tch
150
Storage Temperature Range
Tstg
-55
150
** 120mW per element must not be exceeded. Each terminal mounted on a recommended land.
EPITAXIAL PLANAR NPN TRANSISTOR
N CHANNEL MOS FIELD EFFECT TRANSISTOR


Similar Part No. - KTX421U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX401E KEC-KTX401E Datasheet
69Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX401U KEC-KTX401U Datasheet
69Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE (GENERAL PURPOSE, ULTRA HIGH SPEED SWITCHING)
KTX402U KEC-KTX402U Datasheet
417Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (GENERAL PURPOSE, LOW VOLTAGE HIGH SPEED SWITCHING)
KTX403U KEC-KTX403U Datasheet
403Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (SWITCHING, LOW VOLTAGE HIGH SPEED SWITCHING)
KTX411T KEC-KTX411T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
More results

Similar Description - KTX421U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTX321U KEC-KTX321U Datasheet
106Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com