Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK5C0C Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SK5C0C
Description  Surface Mount Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SK5C0C Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SK5C0C Datasheet HTML 1Page - GOOD-ARK Electronics SK5C0C Datasheet HTML 2Page - GOOD-ARK Electronics SK5C0C Datasheet HTML 3Page - GOOD-ARK Electronics SK5C0C Datasheet HTML 4Page - GOOD-ARK Electronics SK5C0C Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SK5C0C
Surface Mount Schottky Rectifier
Reverse Voltage 200V Forward Current 5A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1.Forward Current Derating Curve
Figure 2.Maximum Non‐Repetitive Peak 
Forward Surge Current
Figure 4. Typical Reverse Characteristics 
Figure 3. Typical Instantaneous Forward Characteristics
0
1
2
3
4
5
0
25
50
75 100 125 150
Lead temperature(℃)
0
30
60
90
120
1
10
100
Number of Cycles at 60Hz
0.00
0.01
0.10
1.00
10.00
100.00
1000.00
10
20
30
40
50
60
70
80
90
100
110
Percent of  Rated Peak Reverse Voltage (%)
25℃
50℃
75℃
100℃
125℃
150℃
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Instantaneous Forward Voltage (V)
25℃
50℃
75℃
100℃
125℃
150℃
www.goodark.com
2/5
2015.11-Rev.B


Similar Part No. - SK5C0C

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SK5C0C GOOD-ARK-SK5C0C_15 Datasheet
196Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SK5C0C

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SGL34-20 PACELEADER-SGL34-20 Datasheet
606Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
SR320M PACELEADER-SR320M Datasheet
607Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
   Surface Mount Schottky rectifier
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
   Surface Mount Schottky Rectifier
PS26 GOOD-ARK-PS26 Datasheet
450Kb / 4P
   Surface Mount Schottky Rectifier
SGC101BSH GOOD-ARK-SGC101BSH Datasheet
218Kb / 4P
   Surface Mount Schottky Rectifier
SGC2060ST GOOD-ARK-SGC2060ST Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
SK1B5 GOOD-ARK-SK1B5 Datasheet
766Kb / 5P
   Surface Mount Schottky Rectifier
FS32 GOOD-ARK-FS32 Datasheet
367Kb / 4P
   Surface Mount Schottky Rectifier
LS24A GOOD-ARK-LS24A Datasheet
395Kb / 4P
   Surface Mount Schottky Rectifier
LS26 GOOD-ARK-LS26 Datasheet
423Kb / 4P
   Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com