Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2TVS190A Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # L2TVS190A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

L2TVS190A Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  L2TVS190A Datasheet HTML 1Page - GOOD-ARK Electronics L2TVS190A Datasheet HTML 2Page - GOOD-ARK Electronics L2TVS190A Datasheet HTML 3Page - GOOD-ARK Electronics L2TVS190A Datasheet HTML 4Page - GOOD-ARK Electronics L2TVS190A Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
L2TVS10.0A thru L2TVS190A
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
www.goodark.com
2/5
2014.04-Rev.A
Reverse
Stand-off Voltage
Test
Current
Max Reverse
Leakage Current
Max. Clamp
Voltage
Peak Pulse
Current
Mi
M
Part Number
Breakdown Voltage
VRWM
VBR @ IT
IR @ VRWM
Vc @ IPP
IPP
Electrical Characteristics (TA = 25 °C unless otherwise noted)
IT
Min
Max
VV
V
mA
μA
V
A
L2TVS10A
10
11.1
12.3
1
5
17
11.8
L2TVS11A
11
12.2
13.5
1
5
18.2
11
L2TVS12A
12
13.3
14.7
1
5
19.9
10.1
L2TVS13A
13
14.4
15.9
1
5
21.5
9.3
L2TVS14A
14
15.6
17.2
1
5
23.2
8.62
L2TVS15A
15
16 7
18 5
1
5
24 4
82
VRWM
IR @ VRWM
Vc @ IPP
IPP
IT
L2TVS15A
15
16.7
18.5
1
5
24.4
8.2
L2TVS16A
16
17.8
19.7
1
5
26
7.69
L2TVS17A
17
18.9
20.9
1
5
27.6
7.25
L2TVS18A
18
20
22.1
1
5
29.2
6.85
L2TVS20A
20
22.2
24.5
1
5
32.4
6.17
L2TVS22A
22
24.4
26.9
1
5
35.5
5.63
L2TVS24A
24
26.7
29.5
1
5
38.9
5.14
L2TVS26A
26
28.9
31.9
1
5
42.1
4.75
L2TVS26A
26
28.9
31.9
1
5
42.1
4.75
L2TVS28A
28
31.1
34.4
1
5
45.4
4.41
L2TVS30A
30
33.3
36.8
1
5
48.4
4.13
L2TVS33A
33
36.7
40.6
1
5
53.3
3.75
L2TVS36A
36
40
44.2
1
5
58.1
3.44
L2TVS40A
40
44.4
49.1
1
5
64.5
3.1
L2TVS43A
43
47.8
52.8
1
5
69.4
2.88
L2TVS45A
45
50
55.3
1
5
72.7
2.75
L2TVS48A
48
53.3
58.9
1
5
77.4
2.58
L2TVS51A
51
56.7
62.7
1
5
82.4
2.43
L2TVS54A
54
60
66.3
1
5
87.1
2.3
L2TVS58A
58
64.4
71.2
1
5
93.6
2.14
L2TVS60A
60
66.7
73.7
1
5
96.8
2.07
L2TVS64A
64
71.1
78.6
1
5
103
1.94
L2TVS70A
70
77.8
86
1
5
113
1.77
L2TVS75A
75
83 3
92 1
1
5
121
165
L2TVS75A
75
83.3
92.1
1
5
121
1.65
L2TVS78A
78
86.7
95.8
1
5
126
1.59
L2TVS80A
80
88.8
97.6
1
5
129
1.55
L2TVS85A
85
94.4
104
1
5
137
1.46
L2TVS90A
90
100
111
1
5
146
1.37
L2TVS100A
100
111
123
1
5
162
1.23
L2TVS110A
110
122
135
1
5
177
1.13
L2TVS120A
120
133
147
1
5
193
104
L2TVS120A
120
133
147
1
5
193
1.04
L2TVS130A
130
144
159
1
5
209
0.96
L2TVS140A
140
155
171
1
5
224
0.89
L2TVS150A
150
167
185
1
5
243
0.82
L2TVS160A
160
178
197
1
5
259
0.77
L2TVS170A
170
189
209
1
5
275
0.73
L2TVS180A
180
201
222
1
5
292
0.69
L2TVS190A
190
211
232
1
5
324
0.62
www.goodark.com
2/5
2014.04-Rev.A


Similar Part No. - L2TVS190A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L2TVS10.0A GOOD-ARK-L2TVS10.0A_15 Datasheet
195Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
More results

Similar Description - L2TVS190A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com