Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4TVS140A Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # L4TVS140A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

L4TVS140A Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  L4TVS140A Datasheet HTML 1Page - GOOD-ARK Electronics L4TVS140A Datasheet HTML 2Page - GOOD-ARK Electronics L4TVS140A Datasheet HTML 3Page - GOOD-ARK Electronics L4TVS140A Datasheet HTML 4Page - GOOD-ARK Electronics L4TVS140A Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
L4TVS10A thru L4TVS190A
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 400W Stand-off Voltage 10 to 190V
www.goodark.com
2/5
2014.01-Rev.A
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Reverse Stand-off
Voltage
Test
Current
Max Reverse
Leakage Current
Max. Clamp
Voltage
Peak Pulse
Current
Min
Max
IR @ VRWM
Vc @ IPP
IPP
Part Number
Breakdown Voltage
VRWM
VBR @ IT
IT
Min
Max
VV
V
mA
μAV
A
L4TVS10A
10
11.1
12.3
1
2.5
17
23.5
L4TVS11A
11
12.2
13.5
1
2.5
18.2
22
L4TVS12A
12
13.3
14.7
1
2.5
19.9
20.1
L4TVS13A
13
14.4
15.9
1
1
21.5
18.6
L4TVS14A
14
15.6
17.2
1
1
23.2
17.2
L4TVS15A
15
16.7
18.5
1
1
24.4
16.4
L4TVS16A
16
17.8
19.7
1
1
26
15.4
L4TVS17A
17
18.9
20.9
1
1
27.6
14.5
L4TVS18A
18
20
22.1
1
1
29.2
13.7
L4TVS20A
20
22.2
24.5
1
1
32.4
12.3
L4TVS22A
22
24.4
26.9
1
1
35.5
11.3
L4TVS24A
24
26.7
29.5
1
1
38.9
10.3
L4TVS26A
26
28.9
31.9
1
1
42.1
9.5
L4TVS28A
28
31.1
34.4
1
1
45.4
8.8
L4TVS30A
30
33.3
36.8
1
1
48.4
8.3
L4TVS33A
33
36.7
40.6
1
1
53.3
7.5
L4TVS36A
36
40
44.2
1
1
58.1
6.9
L4TVS40A
40
44.4
49.1
1
1
64.5
6.2
L4TVS43A
43
47.8
52.8
1
1
69.4
5.8
L4TVS45A
45
50
55.3
1
1
72.7
5.5
L4TVS48A
48
53.3
58.9
1
1
77.4
5.2
L4TVS51A
51
56.7
62.7
1
1
82.4
4.9
L4TVS54A
54
60
66.3
1
1
87.1
4.6
L4TVS58A
58
64.4
71.2
1
1
93.6
4.3
L4TVS60A
60
66.7
73.7
1
1
96.8
4.1
L4TVS64A
64
71.1
78.6
1
1
103
3.9
L4TVS70A
70
77.8
86
1
1
114
3.5
L4TVS75A
75
83.3
92.1
1
1
121
3.3
L4TVS78A
78
86.7
95.8
1
1
126
3.2
L4TVS80A
80
88.8
97.6
1
1
129
3.1
L4TVS85A
85
94.4
104
1
1
138
2.9
L4TVS90A
90
100
111
1
1
148
2.7
L4TVS100A
100
111
123
1
1
160
2.5
L4TVS110A
110
122
135
1
1
182
2.2
L4TVS120A
120
133
147
1
1
191
2.1
L4TVS130A
130
144
159
1
1
211
1.9
L4TVS140A
140
155
171
1
1
223
1.8
L4TVS150A
150
167
185
1
1
250
1.6
L4TVS160A
160
178
197
1
1
267
1.5
L4TVS170A
170
189
209
1
1
286
1.4
L4TVS180A
180
201
222
1
1
286
1.4
L4TVS190A
190
211
232
1
1
334
1.2
www.goodark.com
2/5
2014.01-Rev.A


Similar Part No. - L4TVS140A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L4TVS10A GOOD-ARK-L4TVS10A_15 Datasheet
226Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 10 to 190V
More results

Similar Description - L4TVS140A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com