Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2TVS180A Datasheet(PDF) 5 Page - GOOD-ARK Electronics

Part # F2TVS180A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

F2TVS180A Datasheet(HTML) 5 Page - GOOD-ARK Electronics

  F2TVS180A Datasheet HTML 1Page - GOOD-ARK Electronics F2TVS180A Datasheet HTML 2Page - GOOD-ARK Electronics F2TVS180A Datasheet HTML 3Page - GOOD-ARK Electronics F2TVS180A Datasheet HTML 4Page - GOOD-ARK Electronics F2TVS180A Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
F2TVS10.0A thru F2TVS190A
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
www.goodark.com
5/5
2014.04-Rev.A
F2TVS10.0A thru F2TVS190A
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
Disclaimers
These materials are intended as a reference to assist our customers in the selection of the
Suzhou Good-Ark product best suited to the customer’s application; they do not convey any
license under any intellectual property rights, or any other rights, belonging to Suzhou Good-
license under any intellectual property rights, or any other rights, belonging to Suzhou Good
Ark Electronics Co., Ltd.or a third party.
Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage, or
infringement of any third-party’s rights, originating in the use of any product data, diagrams,
charts, programs, algorithms, or circuit application examples contained in these materials.
All information contained in these materials including product data diagrams charts
All information contained in these materials, including product data, diagrams, charts,
programs and algorithms represents information on products at the time of publication of
these materials, and are subject to change by Suzhou Good-Ark Electronics Co., Ltd. without
notice due to product improvements or other reasons. It is therefore recommended that
customers contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized Suzhou Good-
Ark Electronics Co., Ltd. for the latest product information before purchasing a product listed
herein. The information described here may contain technical inaccuracies or typographical
Sh
G
dAk El
t
i
C
Ltd
ibilit
f
d
errors. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage,
liability, or other loss rising from these inaccuracies or errors. Please also pay attention to
information published by Suzhou Good-Ark Electronics Co., Ltd. by various means, including
our website home page.
(http://www.goodark.com)
When using any or all of the information contained in these materials, including product data,
g
y
g p
diagrams, charts, programs, and algorithms, Please be sure to evaluate all information as a
total system before making a final decision on the applicability of the information and
products. Suzhou Good-Ark Electronics Co., Ltd. assumes no responsibility for any damage,
liability or other loss resulting from the information contained herein.
The prior written approval of Suzhou Good-Ark Electronics Co., Ltd. is necessary to reprint or
reproduce in whole or in part these materials.
reproduce in whole or in part these materials.
Please contact Suzhou Good-Ark Electronics Co., Ltd. or an authorized distributor for further
details on these materials or the products contained herein.
www.goodark.com
5/5
2014.04-Rev.A


Similar Part No. - F2TVS180A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
F2TVS180A DGNJDZ-F2TVS180A Datasheet
718Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
More results

Similar Description - F2TVS180A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com