Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4TVS45A Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # L4TVS45A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

L4TVS45A Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  L4TVS45A Datasheet HTML 1Page - GOOD-ARK Electronics L4TVS45A Datasheet HTML 2Page - GOOD-ARK Electronics L4TVS45A Datasheet HTML 3Page - GOOD-ARK Electronics L4TVS45A Datasheet HTML 4Page - GOOD-ARK Electronics L4TVS45A Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
L4TVS10A thru L4TVS190A
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 400W Stand-off Voltage 10 to 190V
www.goodark.com
3/5
2014.01-Rev.A
Ratings and Characteristics Curves
(TA = 25℃ unless otherwise noted)
Figure 1. Typical Instantaneous Forward 
Characteristics 
Figure 2.Maximum Non‐Repetitive Peak 
Forward Surge Current
Figure 3 Pulse Waveform
k
l
Figure 3. Pulse Waveform
Figure 4. Peak Pulse Power Derating Curve
Figure 5. Peak Pulse Power Derating Curve
www.goodark.com
3/5
2014.01-Rev.A


Similar Part No. - L4TVS45A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
L4TVS10A GOOD-ARK-L4TVS10A_15 Datasheet
226Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 10 to 190V
More results

Similar Description - L4TVS45A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com