Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB350S Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # SB350S
Description  For High speed Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SB350S Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  SB350S Datasheet HTML 1Page - GOOD-ARK Electronics SB350S Datasheet HTML 2Page - GOOD-ARK Electronics SB350S Datasheet HTML 3Page - GOOD-ARK Electronics SB350S Datasheet HTML 4Page - GOOD-ARK Electronics SB350S Datasheet HTML 5Page - GOOD-ARK Electronics SB350S Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
5. 最大定格
Maximum Ratings and Electrical Characteristics
Parameter
Symbol
SB320S
SB330S
SB340S
SB350S
SB360S
Units
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
Volts
Maximum RMS voltage
VRMS
14
21
28
35
42
Volts
Maximum DC blocking voltage
VDC
20
30
40
50
60
Volts
Maximum average forward rectified current
0.375”(9.5mm) lead length
(See Fig.1)
IF(AV)
3.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed on
rates load
IFSM
100
Amps
Maximum DC
reverse current @TJ=25℃
at rated DC blocking voltage
@TJ=100℃
IR(AV)
0.5
20
mA
Maximum
forward voltage at 3.0A DC
VF
0.50
0.74
Volts
Typical thermal resistance(Note 1)
RθJL
20
20
℃/W
Typical junction capacitance
(Note2)
Cj
250
pF
Operating junction temperature range
Tj
-55
~ +125
storage temperature range
TSTG
-55
~ +150
Notes:1. Thermal Resistance Junction to Lead.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.


Similar Part No. - SB350S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SB350S EIC-SB350S Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB350S VISHAY-SB350S Datasheet
98Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
logo
EIC discrete Semiconduc...
SB350S EIC-SB350S Datasheet
44Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB350S VISHAY-SB350S Datasheet
72Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
SB350S VISHAY-SB350S Datasheet
72Kb / 5P
   Schottky Barrier Rectifier
Revision: 19-Oct-09
More results

Similar Description - SB350S

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SB370S GOOD-ARK-SB370S Datasheet
598Kb / 6P
   For High speed Rectifier
logo
Toshiba Semiconductor
1JU42 TOSHIBA-1JU42 Datasheet
169Kb / 3P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
1S1832 TOSHIBA-1S1832 Datasheet
113Kb / 2P
   RECTIFIER (HIGH SPEED RECTIFIER APPSICATIONS)
1GU42 TOSHIBA-1GU42 Datasheet
170Kb / 3P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
1R5JU41 TOSHIBA-1R5JU41 Datasheet
161Kb / 3P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
1JU41 TOSHIBA-1JU41 Datasheet
181Kb / 4P
   RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
logo
NTE Electronics
NTE5351 NTE-NTE5351 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) for High Speed Switching
NTE5374 NTE-NTE5374 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) for High Speed Switching
logo
Toshiba Semiconductor
U2FWJ44N TOSHIBA-U2FWJ44N Datasheet
245Kb / 5P
   HIGH SPEED RECTIFIER APPLICATIONS
U1GWJ49 TOSHIBA-U1GWJ49 Datasheet
114Kb / 3P
   HIGH SPEED RECTIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com