Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD72852GB-8EU Datasheet(PDF) 37 Page - NEC

Part # UPD72852GB-8EU
Description  MOS INTEGRATED CIRCUIT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD72852GB-8EU Datasheet(HTML) 37 Page - NEC

Back Button UPD72852GB-8EU Datasheet HTML 33Page - NEC UPD72852GB-8EU Datasheet HTML 34Page - NEC UPD72852GB-8EU Datasheet HTML 35Page - NEC UPD72852GB-8EU Datasheet HTML 36Page - NEC UPD72852GB-8EU Datasheet HTML 37Page - NEC UPD72852GB-8EU Datasheet HTML 38Page - NEC UPD72852GB-8EU Datasheet HTML 39Page - NEC UPD72852GB-8EU Datasheet HTML 40Page - NEC UPD72852GB-8EU Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Data Sheet S14920EJ3V0DS
37
µµµµPD72852
6. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
VDDm
–0.5 to +4.6
V
Input voltage
VIN
–0.5 to VDD+0.5
V
Output voltage
VOUT
–0.5 to VDD+0.5
V
Storage temperature
Tstg
–40 to +125
°C
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
Recommended Operating Ranges
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Source power node
3.0
3.3
3.6
V
Power supply voltage
VDD
Non-source power node
2.7
Note
3.0
3.6
V
Operating temperature
TA
0.0
70.0
°C
Power dissipation
PD
440
mW
Note For a node does not source power.


Similar Part No. - UPD72852GB-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72852A NEC-UPD72852A Datasheet
373Kb / 48P
   IEEE1394a-2000 COMPLIANT 400 Mbps TWO-PORT PHY LSI
logo
Renesas Technology Corp
UPD72852A RENESAS-UPD72852A Datasheet
486Kb / 50P
   MOS INTEGRATED CIRCUIT
2003
logo
NEC
UPD72852AGB-8EU NEC-UPD72852AGB-8EU Datasheet
373Kb / 48P
   IEEE1394a-2000 COMPLIANT 400 Mbps TWO-PORT PHY LSI
logo
Renesas Technology Corp
UPD72852AGB-8EU RENESAS-UPD72852AGB-8EU Datasheet
486Kb / 50P
   MOS INTEGRATED CIRCUIT
2003
More results

Similar Description - UPD72852GB-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720110 NEC-UPD720110 Datasheet
405Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD121A10 NEC-UPD121A10 Datasheet
214Kb / 10P
   MOS INTEGRATED CIRCUIT
UPD121W18AT1F NEC-UPD121W18AT1F Datasheet
265Kb / 16P
   MOS INTEGRATED CIRCUIT
UPD703130 NEC-UPD703130 Datasheet
601Kb / 72P
   MOS INTEGRATED CIRCUIT
UPD16874 NEC-UPD16874 Datasheet
218Kb / 19P
   MOS INTEGRATED CIRCUIT
UPD16601 NEC-UPD16601 Datasheet
98Kb / 13P
   MOS Integrated Circuit
logo
Renesas Technology Corp
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
logo
NEC
UPD65881GB-P02 NEC-UPD65881GB-P02 Datasheet
76Kb / 8P
   MOS Integrated Circuit
UPD720122 NEC-UPD720122 Datasheet
650Kb / 82P
   MOS Integrated Circuit
logo
Renesas Technology Corp
PD166105GS RENESAS-PD166105GS_15 Datasheet
134Kb / 17P
   MOS INTEGRATED CIRCUIT
UPD166108GR RENESAS-UPD166108GR Datasheet
462Kb / 16P
   MOS INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com