Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKF-15 Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part # AKF-15
Description  AC/DC Power Module 15W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AKF-15 Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  AKF-15_16 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AKF-15_16 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AKF-15_16 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AKF-15_16 Datasheet HTML 4Page - Minmax Technology Co., Ltd. AKF-15_16 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AKF-15 SERIES
AC/DC POWER MODULE 15W, Single, Dual & Triple Output
Minmax Technology Co., Ltd.
18, Sin Sin Road, An-Ping Industrial District, Tainan 702, Taiwan
Tel: 886-6-2923150
Fax: 886-6-2923149
E-mail: sales@minmax.com.tw
2016/08/30 REV:22 Page 5 of 5
DIN-Rail Mounting Kit
Order Code Table
PCB Mounting
Chassis Mounting
PCB Mounting
With UL508
Chassis Mounting
With UL508
With DIN Rail Mounting by two
Order Code
Chassis Mounting with UL508 & DIN
Rail Mounting by two Order Code
AKF-15S05
AKF-15S05C
AKF-15S05ICE
AKF-15S05CICE
AKF-15S05C
AC-DIN-01
AKF-15S05CICE
AC-DIN-01
AKF-15S12
AKF-15S12C
AKF-15S12ICE
AKF-15S12CICE
AKF-15S12C
AC-DIN-01
AKF-15S12CICE
AC-DIN-01
AKF-15S15
AKF-15S15C
AKF-15S15ICE
AKF-15S15CICE
AKF-15S15C
AC-DIN-01
AKF-15S15CICE
AC-DIN-01
AKF-15S24
AKF-15S24C
AKF-15S24ICE
AKF-15S24CICE
AKF-15S24C
AC-DIN-01
AKF-15S24CICE
AC-DIN-01
AKF-15S48
AKF-15S48C
AKF-15S48ICE
AKF-15S48CICE
AKF-15S48C
AC-DIN-01
AKF-15S48CICE
AC-DIN-01
AKF-15D12
AKF-15D12C
AKF-15D12ICE
AKF-15D12CICE
AKF-15D12C
AC-DIN-01
AKF-15D12CICE
AC-DIN-01
AKF-15D15
AKF-15D15C
AKF-15D15ICE
AKF-15D15CICE
AKF-15D15C
AC-DIN-01
AKF-15D15CICE
AC-DIN-01
AKF-15D512
AKF-15D512C
---
---
AKF-15D512C
AC-DIN-01
---
---
AKF-15T512
AKF-15T512C
---
---
AKF-15T512C
AC-DIN-01
---
---
AKF-15T515
AKF-15T515C
---
---
AKF-15T515C
AC-DIN-01
---
---


Similar Part No. - AKF-15_16

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AKF-15D12 MINMAX-AKF-15D12 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AKF-15D12 MINMAX-AKF-15D12 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AKF-15D12 MINMAX-AKF-15D12 Datasheet
329Kb / 5P
   AC/DC Power Module 15W Fully encapsulated Plastic Case
AKF-15D15 MINMAX-AKF-15D15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AKF-15D15 MINMAX-AKF-15D15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
More results

Similar Description - AKF-15_16

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
KAM15 CHINFA-KAM15_14 Datasheet
249Kb / 4P
   AC - DC POWER MODULE 13 ~ 15W SINGLE & DUAL OUTPUT
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15_12 Datasheet
329Kb / 5P
   AC/DC Power Module 15W Fully encapsulated Plastic Case
logo
Delta Electronics, Inc.
AA15S-D-T DELTA-AA15S-D-T Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
logo
Chinfa Electronics Ind....
KAM1503 CHINFA-KAM1503_10 Datasheet
256Kb / 4P
   AC - DC POWER MODULE 13 ~ 15W UL / cUL / TUV / CE
KAM1503 CHINFA-KAM1503 Datasheet
384Kb / 4P
   AC - DC POWER MODULE 13 ~ 15W UL / cUL / TUV / CE
logo
Delta Electronics, Inc.
AA15S DELTA-AA15S Datasheet
335Kb / 6P
   15W Single, Dual, and Triple Output AC/DC Power Module
AA15S0500A DELTA-AA15S0500A Datasheet
349Kb / 7P
   15W Single, Dual, and Triple Output AC/DC Power Module
logo
MORNSUN Science& Techno...
LDE15-20B03 MORNSUN-LDE15-20B03 Datasheet
1Mb / 6P
   15W, AC-DC converter
LH15-10D0524-04 MORNSUN-LH15-10D0524-04 Datasheet
384Kb / 4P
   15W, AC-DC CONVERTER
LHE15-20B03 MORNSUN-LHE15-20B03 Datasheet
1Mb / 5P
   15W, AC-DC converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com