Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMF6N Datasheet(PDF) 5 Page - Rohm

Part No. UMF6N
Description  Power management (dual transistors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMF6N Datasheet(HTML) 5 Page - Rohm

  UMF6N Datasheet HTML 1Page - Rohm UMF6N Datasheet HTML 2Page - Rohm UMF6N Datasheet HTML 3Page - Rohm UMF6N Datasheet HTML 4Page - Rohm UMF6N Datasheet HTML 5Page - Rohm UMF6N Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UMF6N
Transistors
5/5
200m
SOURCE-DRAIN VOLTAGE : VSD (V)
1.5
1
0.5
0
100m
50m
20m
10m
5m
2m
1m
0.5m
0.2m
0.1m
Fig.18 Reverse drain current vs.
source-drain voltage (
ΙΙ )
Ta
=25°C
Pulsed
VGS
=4V
0V
0.1
1
2
50
DRAIN-SOURCE VOLTAGE : VDS (V)
0.5
0.2
0.5
1
2
5
10
20
50
5
10
20
Fig.19 Typical capacitance vs.
drain-source voltage
Ciss
Coss
Crss
Ta
=25°C
f
=1MHZ
VGS
=0V
0.1
10
20
500
DRAIN CURRENT : ID (mA)
5
0.2
0.5
1
2
5
10
20
50
50
100
200
1000
2
100
Ta
=25°C
VDD
=5V
VGS
=5V
RG
=10Ω
Pulsed
td(off)
tr
td(on)
tf
Fig.20 Switching characteristics


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn