Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC75W55FK Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TC75W55FK
Description  General-Purpose Linear ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC75W55FK Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TC75W55FK Datasheet HTML 4Page - List of Unclassifed Manufacturers TC75W55FK Datasheet HTML 5Page - List of Unclassifed Manufacturers TC75W55FK Datasheet HTML 6Page - List of Unclassifed Manufacturers TC75W55FK Datasheet HTML 7Page - List of Unclassifed Manufacturers TC75W55FK Datasheet HTML 8Page - List of Unclassifed Manufacturers TC75W55FK Datasheet HTML 9Page - List of Unclassifed Manufacturers TC75W55FK Datasheet HTML 10Page - List of Unclassifed Manufacturers TC75W55FK Datasheet HTML 11Page - List of Unclassifed Manufacturers TC75W55FK Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
124
250 V/500 V Series
Protective Functions
Part Number
Features
Rating
Output Type
Functions
Overcurrent
Over
temperature
Undervoltage
Package
TPD4101K
High-voltage PWM
DC brushless
motor driver
250 V/±1 A
3-phase
full-bridge
Hall IC input, bootstrap circuit, PWM, 3-phase decoder
HZIP23
TPD4102K
High-voltage PWM
DC brushless
motor driver
500 V/±1 A
3-phase
full-bridge
Hall IC input, bootstrap circuit, PWM, 3-phase decoder
HZIP23
TPD4103K
High-voltage PWM
DC brushless
motor driver
500 V/±1 A
3-phase
full-bridge
6-input, low-side driver, high-side driver
HZIP23
TPD4103AK
High-voltage PWM
DC brushless
motor driver
500 V/±1 A
3-phase
full-bridge
6-input, low-side driver, high-side driver
HZIP23
TPD4104K
High-voltage PWM
DC brushless
motor driver
500 V/±2 A
3-phase
full-bridge
6-input, low-side driver, high-side driver
HZIP23
TPD4104AK
High-voltage PWM
DC brushless
motor driver
500 V/±2 A
3-phase
full-bridge
6-input, low-side driver, high-side driver
HZIP23
** TPD4105K
High-voltage PWM
DC brushless
motor driver
500 V/±3 A
3-phase
full-bridge
6-input, low-side driver, high-side driver
HZIP23
** TPD4105AK
High-voltage PWM
DC brushless
motor driver
500 V/
±3 A
3-phase
full-bridge
6-input, low-side driver, high-side driver
HZIP23
** TPD4111K
High-voltage PWM
DC brushless
motor driver
250 V/
±1 A
3-phase
full-bridge
Hall amplifier input, bootstrap circuit, PWM, 3-phase decoder
HZIP23
** TPD4112K
High-voltage PWM
DC brushless
motor driver
500 V/±1 A
3-phase
full-bridge
Hall amplifier input, bootstrap circuit, PWM, 3-phase decoder
HZIP23
**: Under development


Similar Part No. - TC75W55FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75W55FK TOSHIBA-TC75W55FK Datasheet
287Kb / 9P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - TC75W55FK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCTL-1100 HP-HCTL-1100 Datasheet
476Kb / 39P
   General Purpose Motion Control ICs
logo
AVAGO TECHNOLOGIES LIMI...
HCTL-1100 AVAGO-HCTL-1100 Datasheet
335Kb / 40P
   General Purpose Motion Control ICs
HCTL-1100PLC AVAGO-HCTL-1100PLC Datasheet
346Kb / 40P
   General Purpose Motion Control ICs
logo
Agilent(Hewlett-Packard...
HCTL1100 HP-HCTL1100 Datasheet
435Kb / 40P
   General Purpose Motion Control ICs
logo
List of Unclassifed Man...
UPC451C ETC1-UPC451C Datasheet
44Kb / 1P
   INDUSTRIAL LINEAR ICS
logo
RF Micro Devices
RF2312 RFMD-RF2312_06 Datasheet
306Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
RF2360 RFMD-RF2360_06 Datasheet
297Kb / 12P
   LINEAR GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF2312 QORVO-RF2312 Datasheet
856Kb / 13P
   Linear General Purpose Amplifier
logo
RF Micro Devices
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
   LINEAR GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com