Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9808-37CB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT9808-37CB
Description  MICRO POWER VOLTAGE DETECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9808-37CB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9808-37CB Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9808-37CB Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9808-37CB Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9808-37CB Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9808-37CB Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9808-37CB Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9808-37CB Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9808-37CB Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9808-37CB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary
RT9808
DS9808-01 January 2002
www.richtek-ic.com.tw
1
Micro-Power Voltage Detectors
General Description
The RT9808 is a micro-power voltage detector
supervising the power supply voltage level for
microprocessors (
µP) or digital systems. It provides
internally fixed threshold levels with 0.1V per step
ranging from 1.5V to 5V, which covers most digital
applications. It features low supply current of 3
µA.
The RT9808 performs supervisory function by
sending out a reset signal whenever the VDD voltage
falls below a preset threshold level. This reset signal
will last the whole period before VDD recovering.
Once VDD recovered up-crossing the threshold level,
the reset signal will be released if VDD is above
threshold and last for the whole period of reset active
time out.
RT9808 is n-channel, open-drain output.
Applications
Computers
Controllers
Intelligent Instruments
Critical
µP and µC Power Monitoring
Portable/Battery-Powered Equipment
Ordering Information
RT9808-
Features
Internally Fixed Threshold 1.5V to 5V in 0.1V Step
±±±±2% Accuracy
Low Supply Current 3
µµµµA
Quick Reset within 20
µµµµS
Built-in Recovery Delay 200mS
Low Functional Supply Voltage 0.9V
N-Channel Open Drain Output
Small 3-Pin SOT-23/SOT89 and 5-Pin SOT-25
Packages
Pin Configurations
Part Number
Pin Configurations
RT9808-
CV
(Plastic SOT-23)
TOP VIEW
1. RESET
2. GND
3. VDD
RT9808-
CX
(Plastic SOT-89)
TOP VIEW
1. RESET
2. VDD
3. GND
RT9808-
CB
(Plastic SOT-25)
TOP VIEW
1. RESET
2. VDD
3. GND
4. NC
5. NC
Typical Application Circuit
Operating temperature range
C: Commercial standard
Package Type
V : SOT-23
X : SOT-89
B : SOT-25
Reset Threshold
15 : 1.5V
16 : 1.6V
:
49 : 4.9V
50 : 5.0V
1
3
2
12
3
54
3
2
1
VDD
µP
RESET
RT9808
VDD
RESET
GND
Pull
Up
100K


Similar Part No. - RT9808-37CB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9801 RICHTEK-RT9801 Datasheet
136Kb / 6P
   USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
RT9801A RICHTEK-RT9801A Datasheet
127Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9801A RICHTEK-RT9801A Datasheet
130Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9801ACE RICHTEK-RT9801ACE Datasheet
136Kb / 6P
   USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
RT9801AGE RICHTEK-RT9801AGE Datasheet
127Kb / 9P
   User Programmable Micro-Power Voltage Detectors
More results

Similar Description - RT9808-37CB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9819 RICHTEK-RT9819 Datasheet
124Kb / 12P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818 Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9833 RICHTEK-RT9833 Datasheet
185Kb / 11P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_11 Datasheet
152Kb / 12P
   Micro-Power Voltage Detectors
RT9816 RICHTEK-RT9816_13 Datasheet
175Kb / 10P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_11 Datasheet
215Kb / 14P
   Micro-Power Voltage Detectors
RT9819 RICHTEK-RT9819_13 Datasheet
239Kb / 13P
   Micro-Power Voltage Detectors
RT9818 RICHTEK-RT9818_16 Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
logo
List of Unclassifed Man...
RT9809 ETC-RT9809 Datasheet
142Kb / 6P
   MICRO POWER VOLTAGE DETECTORS
logo
Richtek Technology Corp...
RT9828 RICHTEK-RT9828 Datasheet
118Kb / 7P
   Dual Micro-Power Voltage Detectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com