Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRC410V Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KRC410V
Description  SEMICONDUCTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC410V Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KRC410V Datasheet HTML 1Page - KEC(Korea Electronics) KRC410V Datasheet HTML 2Page - KEC(Korea Electronics) KRC410V Datasheet HTML 3Page - KEC(Korea Electronics) KRC410V Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2008. 11. 20
1/4
SEMICONDUCTOR
TECHNICAL DATA
KRC410V~KRC414V
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
SWITCHING APPLICATION.
INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION.
FEATURES
・With Built-in Bias Resistors.
・Simplify Circuit Design.
・Reduce a Quantity of Parts and Manufacturing Process.
・High Packing Density.
DIM MILLIMETERS
A
B
D
E
VSM
1.2 0.05
0.8 0.05
0.5 0.05
0.3 0.05
1.2 0.05
0.8 0.05
0.40
0.12 0.05
C
G
H
J
K
0.2 0.05
B
E
2
3
1
P
P
P
5
1. COMMON (EMITTER)
2. IN (BASE)
3. OUT (COLLECTOR)
+_
+_
+_
+_
+_
+_
+_
+_
EQUIVALENT CIRCUIT
MAXIMUM RATING (Ta=25℃)
MARK SPEC
R1
C
E
B
Type Name
Marking
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector Power Dissipation
PC
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=50V, IE=0
-
-
100
nA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
100
nA
DC Current Gain
hFE
VCE=5V, IC=1mA
120
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=10mA, IB=0.5mA
-
0.1
0.3
V
Transition Frequency
fT *
VCE=10V, IC=5mA
-
250
-
MHz
Input Resistor
KRC410V
R1
3.29
4.7
6.11
kΩ
KRC411V
7
10
13
KRC412V
70
100
130
KRC413V
15.4
22
28.6
KRC414V
32.9
47
61.1
TYPE
KRC410V
KRC411V
KRC412V
KRC413V
KRC414V
MARK
NK
NM
NN
NO
NP
ELECTRICAL CHARACTERISTICS (Ta=25℃)
Note : * Characteristic of Transistor Only.


Similar Part No. - KRC410V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRC410 KEC-KRC410 Datasheet
161Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRC410E KEC-KRC410E Datasheet
372Kb / 4P
   SEMICONDUCTOR
More results

Similar Description - KRC410V

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com