Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC3213MF32 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIC3213MF32
Description  SEMICONDUCTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3213MF32 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIC3213MF32 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3213MF32 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3213MF32 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3213MF32 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3213MF32 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3213MF32 Datasheet HTML 6Page - KEC(Korea Electronics) KIC3213MF32 Datasheet HTML 7Page - KEC(Korea Electronics) KIC3213MF32 Datasheet HTML 8Page - KEC(Korea Electronics) KIC3213MF32 Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2013. 5. 28
1/9
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 2
150mA CMOS High Performance LDO Regulator
The KIC3213series Low Dropout Linear Regulator is ideally suited
for portable applications. It offers 1% initial accuracy,
extremely-low dropout voltage(210mV at 150mA, 3.3V Output Type),
low ground current (typically 36uA) and ultra small package(UDFN1010-4).
Designed specifically for handheld and battery-powered devices,
the KIC3213series provides a TTL-logic-compatible ON/OFF control pin.
When disabled, power consumption drops nearly to zero.
The KIC3213series also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power applications,
critical in handheld wireless devices.
The Line transient response and load transient response of the
KIC3213series are very excellent, thus ICs are very suitable for
the power supply for hand-held communication equipment.
Applications
・Cellular phones,Smart Phones, PDA
・Battery-powered equipment
・Laptop, notebook and palmtop computers
・Consumer/personal electronics
Features
・Input voltage range
2.0V to 5.5V
・High output accuracy
1.0% accuracy
・Low dropout
210mV@150mA (3.3V Output type)
・Stability with ceramic output capacitors
・Supply Current
Typ. 36uA
・Excellent Load regulation
Typ. 30mV
・Built-in Fold Back Protection Circuit
Typ. 40mA@Short mode
・Stability with ceramic output capacitors
CIN=COUT=0.47㎌
・TTL-Logic-compatible ON/OFF control
Packages
・KIC3213MF** Series : UDFN1010-4
・KIC3213T** Series : TSV
DIM
MILLIMETERS
UDFN1010-4
3 V
EN
2 GND
4 V
IN
1 VOUT
*Center tab is common to
(GND)
<Top View>
<Side View>
<Bottom View>
F
G
I
J
H
C
L
DD
E
L
C
A
B
A
1.00
B
1.00
C
0.50
D
0.20
E
0.43
F
0.29
G
0.24
H
0.64
I
0.50
J
0.195
K
0.086
L
0.125
3
1
2
2
4
1
2
3
4
DIM
MILLIMETERS
A
B
D
E
TSV
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L0.55
K
K
B
E
H
J
J
2
3
1
5
4
+
_
+
_
+
_
+
_
+
_
1. V
IN
2. GND
3. V
EN
4. NC
5. V
OUT
KIC3213MF/T12~33
Analog CMOS Integrated Circuits


Similar Part No. - KIC3213MF32

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3213MF32 KEC-KIC3213MF32 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
More results

Similar Description - KIC3213MF32

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com