Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

214-501-25-50 Datasheet(PDF) 1 Page - Marl International Limited

Part # 214-501-25-50
Description   Direct replacement for T3 쩌 BA9s Incandescent
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

214-501-25-50 Datasheet(HTML) 1 Page - Marl International Limited

  214-501-25-50 Datasheet HTML 1Page - Marl International Limited 214-501-25-50 Datasheet HTML 2Page - Marl International Limited 214-501-25-50 Datasheet HTML 3Page - Marl International Limited 214-501-25-50 Datasheet HTML 4Page - Marl International Limited 214-501-25-50 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
214 - RIA12 series
• Part Number 214-501-75-50 RIA 12 Approved. Certificate
number: RR-TRS-97-161 A
• Direct replacement for T3 ¼ BA9s Incandescent
• Durable to shock and vibration
• Centre contact Anode as standard, centre contact Cathode
version available
• AC versions available
• Pack Quantity = 20 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
214-501-75-50
Red
110 Vdc
3
600
630
-40 - +80
-40 - +100
D
214-521-75-50
Yellow
110 Vdc
3
600
585
-40 - +80
-40 - +100
D
214-532-75-50
Green
110 Vdc
3
800
515
-40 - +80
-40 - +100
F
214-930-75-50
Blue
110 Vdc
3
230
465
-30 - +85
-40 - +100
U
214-997-75-50
White
110 Vdc
3
1100
* See pg.2
-30 - +85
-40 - +100
I
214-501-22-50
Red
24 Vdc
17
600
630
-40 - +80
-40 - +100
D
214-521-22-50
Yellow
24 Vdc
17
600
585
-40 - +80
-40 - +100
D
214-532-22-50
Green
24 Vdc
17
800
515
-40 - +80
-40 - +100
F
214-930-22-50
Blue
24 Vdc
17
230
465
-30 - +85
-40 - +100
U
214-997-22-50
White
24 Vdc
17
1100
* See pg.2
-30 - +85
-40 - +100
I
214-993-22-50
Warm White
24 Vdc
17
850
* See pg.2
-30 - +85
-40 - +100
I
^ = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 214 - RIA12 - version 2013-11-05-173246
page 1 of 5


Similar Part No. - 214-501-25-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
214-501-22-50 MARL-214-501-22-50 Datasheet
191Kb / 2P
   FILAMENT REPLACEMENT LEDs - BA9s
214-501-23-50 MARL-214-501-23-50 Datasheet
158Kb / 2P
   FILAMENT REPLACEMENT LEDs - BA9s
214-501-23-50 MARL-214-501-23-50 Datasheet
133Kb / 2P
   FILAMENT REPLACEMENT LEDs - BA9s
214-501-23-50 MARL-214-501-23-50_1 Datasheet
133Kb / 2P
   FILAMENT REPLACEMENT LEDs - BA9s
More results

Similar Description - 214-501-25-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
255 MARL-255 Datasheet
285Kb / 5P
   Direct replacement for T3 쩌 BA9s Incandescent
255-501-64-38_1312 MARL-255-501-64-38_1312 Datasheet
285Kb / 5P
   Direct replacement for T3 쩌 BA9s Incandescent
215-501-21-38 MARL-215-501-21-38_14 Datasheet
226Kb / 4P
   Direct replacement for T3 쩌 Bayonet Automobile Cap
215 MARL-215 Datasheet
286Kb / 5P
   Direct replacement for T3 쩌 Bayonet Automobile Cap
210-501-21-38 MARL-210-501-21-38_14 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
261 MARL-261 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
210 MARL-210 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
211 MARL-211 Datasheet
281Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
240-061-64_1309 MARL-240-061-64_1309 Datasheet
202Kb / 4P
   Direct replacement for BA15d
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com