Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA431BCM Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA431BCM
Description  SEMICONDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431BCM Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA431BCM Datasheet HTML 1Page - KEC(Korea Electronics) KIA431BCM Datasheet HTML 2Page - KEC(Korea Electronics) KIA431BCM Datasheet HTML 3Page - KEC(Korea Electronics) KIA431BCM Datasheet HTML 4Page - KEC(Korea Electronics) KIA431BCM Datasheet HTML 5Page - KEC(Korea Electronics) KIA431BCM Datasheet HTML 6Page - KEC(Korea Electronics) KIA431BCM Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2015. 4. 01
3/7
KIA431AC/BC Series
Revision No : 4
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTICS
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reference Input
Voltage
KIA431A
Vref
Figure 1
VKA=Vref , IK=10mA
2.470
2.495
2.520
V
KIA431B
2.4825
2.495
2.5075
V
Reference Input Voltage
Deviation Over Temperature Range
ΔV
ref
Figure 1
(Note 1)
VKA=Vref , IK=10mA
-
7.0
30
mV
Ratio of Change in Reference Input
Voltage to Change in Cathode to
Anode Voltage
ΔV
ref/
ΔV
KA
Figure 2
IK=10mA
ΔV
KA=
10V
~V
ref
-
-1.4
-2.7
mV/V
ΔV
KA=
36V
~10V
-
-1.0
-2.0
Reference Input Current
Ta=25
Iref
Figure 2
IK=10mA, R1=10kΩ, R2=∞
0.5
1.8
2.5
μA
Ta=Topr
-
-
6.5
Reference Input Current
Deviation Over Temperature Range
ΔI
ref
Figure 2
IK=10mA, R1=10kΩ, R2=∞
-
0.8
2.5
μA
Minimum Cathode Current For Regulation
Imin
Figure 1
VKA=Vref
-
300
600
μA
Off-State Cathode Current
Ioff
Figure 3
VKA=36V, Vref=0V
-
2.6
1000
nA
Dynamic Impedance
Zka
Figure 1
(Note 2)
VKA=Vref, IK=1.0~100mA,
f
≦1.0kHz
-
0.22
-


Similar Part No. - KIA431BCM

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA431B KEC-KIA431B Datasheet
8Kb / 1P
   Laser Marking
KIA431B KEC-KIA431B Datasheet
417Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431B KEC-KIA431B Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431BA KEC-KIA431BA Datasheet
384Kb / 6P
   SEMICONDUCTOR
KIA431BAM KEC-KIA431BAM Datasheet
384Kb / 6P
   SEMICONDUCTOR
More results

Similar Description - KIA431BCM

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com