Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA1117DS00 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA1117DS00
Description  SEMICONDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA1117DS00 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA1117DS00 Datasheet HTML 1Page - KEC(Korea Electronics) KIA1117DS00 Datasheet HTML 2Page - KEC(Korea Electronics) KIA1117DS00 Datasheet HTML 3Page - KEC(Korea Electronics) KIA1117DS00 Datasheet HTML 4Page - KEC(Korea Electronics) KIA1117DS00 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2016. 08. 26
3/5
KIA1117DS00~KIA1117DS50
Revision No : 3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, Tj=25
CHARACTERISTIC
ITEM
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reference Vorrage
KIA1117-Adj
VREF
VIN=3.25V, 10mA≤IOUT≤1A
1.225
1.25
1.275
V
Output Voltage
KIA1117-12
VOUT
VIN=3.2V, 0≤IOUT≤1A
1.176
1.2
1.224
V
KIA1117-15
VOUT
VIN=3.5V, 0≤IOUT≤1A
1.47
1.5
1.53
V
KIA1117-18
VOUT
VIN=3.8V, 0≤IOUT≤1A
1.764
1.8
1.836
V
KIA1117-25
VOUT
VIN=4.5V, 0≤IOUT≤1A
2.45
2.5
2.55
V
KIA1117-33
VOUT
VIN=5.3V, 0≤IOUT≤1A
3.234
3.3
3.366
V
KIA1117-50
VOUT
VIN=7.0V, 0≤IOUT≤1A
4.9
5
5.1
V
Line Regulation
KIA1117-12
Reg Line
2.7V
≤VIN≤10V, IOUT=10mA
-
0.1
0.2
%/V
-
VOUT+1.5V≤VIN≤12V, IOUT=10mA
-
0.1
0.2
%/V
Load Regulation
-
Reg Load
10mA
≤IOUT≤1A, VIN=VOUT+1.5V
-10
30
mV
Adjustable Pin Current
KIA1117-Adj
IADJ
VIN=5V, 10mA≤IOUT≤1A
-
55
120
μA
Minimum Load Current
KIA1117-Adj
Imin
VIN=VOUT+1.5V
-
2
10
mA
Quiescent Current
KIA1117-12
IB1
VIN=10V, IOUT=0A
-2
5
mA
-
IB2
VIN=12V, IOUT=0A
Current Limit
-
Ilimit
VIN=VOUT+2.0V, Tj=25
1-
-
A
Dropout Voltage
-
VDROP
IOUT=1A
-
1.3
1.5
V
IOUT=100mA
-
1.23
1.3
V
Temperature Stability
-
TCVO
VIN=VOUT+1.5V, IOUT=10mA, Tj=-20~125
-
±100
-
ppm/


Similar Part No. - KIA1117DS00

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA1117API00 KEC-KIA1117API00 Datasheet
73Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117API15 KEC-KIA1117API15 Datasheet
73Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117API18 KEC-KIA1117API18 Datasheet
73Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117API25 KEC-KIA1117API25 Datasheet
73Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117API28 KEC-KIA1117API28 Datasheet
73Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA1117DS00

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com