Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA339P-F Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KIA339P-F
Description  SEMICONDUCTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA339P-F Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA339P-F Datasheet HTML 1Page - KEC(Korea Electronics) KIA339P-F Datasheet HTML 2Page - KEC(Korea Electronics) KIA339P-F Datasheet HTML 3Page - KEC(Korea Electronics) KIA339P-F Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2002. 3. 7
3/4
KIA339P/F
Revision No : 3
VCC
VCC
VCC
VCC
VCC
VCC
(1) ICC
M
(2) II, IIO
II(-)
II(+)
1VDC
(3) ILEAK
(4)VIO, CMVIN
VOUT
VOUT
Rg
Rg
VREF
Rf
Rf
RL
(5) ISINK, VOL
(6) trsp
CL
VIN
IO = II(+) - II(-)
-
+
-
+
-
+
-
+
-
+
-
+
M
VI
ELECTRICAL CHARACTERISTICS (VCC=5V, VEE=GND, Ta=25℃)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
4
VO=1.4V
-
2
5
mV
Input Offset Current
IIO
2
-
-
5
50
nA
Input Bias Current
II
2
-
-
25
250
nA
Common Mode Input Voltage
CMVIN
4
-
0
-
VCC-1.5
V
Voltage Gain
GV
-
RL=15kΩ
-
200
-
V/mV
Supply Current
ICC
1
No load
-
0.8
2
mA
Sink Current
Isink
5
+IN=0V, -IN=1V, VOL=1.5V
6
16
-
mA
Output Voltage ("L" Level)
VOL
5
+IN=0V, -IN=1V, Isink=3mA
-
0.2
0.4
V
Output Leak Current
ILEAK
3
+IN=1V, -IN=0V, VO=5V
-
0.1
-
nA
Response Time
trsp
6
RL=5.1kΩ, CL=15pF
-
1.3
-
μs
TEST CIRCUIT


Similar Part No. - KIA339P-F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA339P KEC-KIA339P Datasheet
378Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (QUAD VOLTAGE COMPARATORS)
More results

Similar Description - KIA339P-F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com