Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


TVP5147PFP Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part No. TVP5147PFP
Description  NTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 89 page
background image
Electrical Specifications
81
SLES099A—April 2004
TVP5147PFP
3.3.3 Timing
3.3.3.1
Clocks, Video Data, Sync Timing
PARAMETER
TEST CONDITIONS
(see NOTE 1)
MIN
TYP
MAX
UNIT
Duty cycle DATACLK
45%
50%
55%
t1
High time, DATACLK
18.5
ns
t2
Low time, DATACLK
18.5
ns
t3
Fall time, DATACLK
90% to 10%
4
ns
t4
Rise time, DATACLK
10% to 90%
4
ns
t5
Output delay time
10
ns
NOTE 1: CL = 15 pF
t1
DATACLK
Y, C, AVID, VS, HS, FID
t4
t2
t3
t5
VOH
VOL
Valid Data
Valid Data
VOH
VOL
Figure 3−1. Clocks, Video Data, and Sync Timing
3.3.3.2
I2C Host Port Timing
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
Bus free time between STOP and START
1.3
µs
t2
Data hold time
0
0.9
µs
t3
Data setup time
100
ns
t4
Setup time for a (repeated) START condition
0.6
µs
t5
Setup time for a STOP condition
0.6
ns
t6
Hold time for a (repeated) START condition
0.6
µs
t7
Rise time VC1(SDA) and VC0(SCL) signal
250
ns
t8
Fall time VC1(SDA) and VC0(SCL) signal
250
ns
Cb
Capacitive load for each bus line
400
pF
fI2C
I2C clock frequency
400
kHz
t5
Stop Start
VC1 (SDA)
t1
t6
t7
t2
t8
t3
t4
t6
VC0 (SCL)
Data
Stop
Change
Data
Figure 3−2. I2C Host Port Timing




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TVP5146NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT 1 2 3 4 5 MoreTexas Instruments
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
SAA7114PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter VBI data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
SAA7115PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter High Performance Scaler I2C Sliced Data Readback and SQ PIXEL OUTPUT 1 2 3 4 5 MoreNXP Semiconductors
STV2310Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input 1 2 3 STMicroelectronics
TVP5146PFPNTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION 1 2 3 4 5 MoreTexas Instruments
TVP5145PFPNTSC/PAL SECAM COMPONENT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION 1 2 3 4 5 MoreTexas Instruments
TVP5040NTSC/PAL Digital Video Decoder With Macrovision Detection 1 2 3 4 5 MoreTexas Instruments
SAF7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors
SAA7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl