Electronic Components Datasheet Search |
|
520-325-21 Datasheet(PDF) 2 Page - Marl International Limited |
|
520-325-21 Datasheet(HTML) 2 Page - Marl International Limited |
2 / 2 page 520 SERIES PANEL INDICATOR LED To order please contact us on +44 (0) 1229 582 430 F +44 (0) 1229 585 155 | E sales@marl.co.uk | www.leds.co.uk Q 05480 DSN 520 Version 2014-09-26-082400. Page 2 of 2 TECHNICAL CHARACTERISTICS Series Max. Power Dissipation Max. Reverse Voltage Panel Cutout Nut Mounting Torque Min. Mounting Centres Min - Max. Panel Thickness 520 500 3*/1000^ 6.1 0.65 15.0 3.0 - 6.5 mW Vdc mm Nm mm mm * = Current version ^ = Voltage version TECHNICAL DRAWING Weight (g): 10.0 Dimensions in mm (typical). Not to scale. Mounting hole to be clean and burr free. Anode termination indicated by long pin. * 24 10 Panel Seal Sealing Ring PUSH ON CONNECTOR 11.8 909-000-00 is gold plated, 910-000-00 is tin plated - for use with 520 series lamps. Dimensions in mm (typical). Not to scale. DE-RATING GRAPHS MATERIALS 50 40 30 20 10 0 020 40 60 80 100 Ambient Temperature Ta (°C) Red LED 50 40 30 20 10 0 020 40 60 80 100 Ambient Temperature Ta (°C) Yellow LED Body Stainless Steel Grade 303 Nut Stainless Steel Grade 303 Panel Seal Nitrile Lens Polycarbonate Encapsulation Black Polyurethane Lock Washer Stainless Steel Termination Phosphor bronze with tin on nickel finish DESIGN CONSIDERATIONS Electro-Static Discharge (ESD) Build up of electro-static discharge occurs in many situations involving people moving and handling products.The range of possible situations is very diverse but voltage levels as high as several thousand volts can and do arise in many individual situations. When an operator charged up to these levels handles a static sensitive device, there is a very probable likelihood that the device will be irreversibly damaged. It is essential that precautions are taken at all stages during manufacture and assembly of these products. Although LEDs were never considered to be static sensitive devices, changes in manufacturing technology and materials used to produce higher intensity products over a large range of the wavelength spectrum have changed this. Marl has an approved system of ESD control from goods in, through production and into final packing and despatch. Marl recommend all users of LED based products follow the guidelines of BS 100015. Voltage, Current and Temperature The forward voltage / current value of an LED is dependent upon the ambient temperature of the environment in which it is operated. Therefore, care must be taken to operate the LED at the correct voltage / current values, depending upon the ambient temperature. Marl should be contacted if the device is to be operated outside the temperature range specified. Marl accept no liability for any product that is operated outside the stated voltage or temperature range. marlleds marlinternationallimited company/marl-international-limited 50 40 30 20 10 0 020 40 60 80 100 Ambient Temperature Ta (°C) Blue / Green LED 8.5 50 40 30 20 10 0 020 40 60 80 100 Ambient Temperature Ta (°C) Cool White LED 8.5 |
Similar Part No. - 520-325-21 |
|
Similar Description - 520-325-21 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |