Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

525-095-21-50 Datasheet(PDF) 1 Page - Marl International Limited

Part No. 525-095-21-50
Description  RGB PANEL LAMP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

525-095-21-50 Datasheet(HTML) 1 Page - Marl International Limited

  525-095-21-50 Datasheet HTML 1Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8.1
7.5
150 ±2
28 ±0.5
5
3.2
12
11.8
1
SCALE 2:1
ANTI-ROTATION FLAT
SEALED TO IP67.
SUITABLE FOR HIGH
VIBRATION APPLICATIONS.
REVERSE VOLTAGE
PROTECTION
WIDE VIEWING ANGLE.
WHITE LENS FOR DIFFUSION
OF COLOUR.
NICKEL PLATED BRASS BODY
WITH ANTI-ROTATION FLAT.
MATERIAL SPECIFICATION:
BODY: BRASS TO BS 2874 CZ121 NICKEL PLATED TO BS 1224.
NUT: BRASS TO BS 2874 CZ121 NICKEL PLATED TO BS 1224.
O-RING: NITRILE RUBBER.
WRINKLE LOCK WASHER: ZINC PLATED STEEL.
LENS: POLYCARBONATE
TERMINATION:
4 OFF 1.19mm OD DUAL WALL CONSTRUCTION, SPEC 44
FLYING LEADS 150mm LONG
POLARITY: WHITE= +Ve, GREEN= -Ve, RED= -Ve, BLUE= -Ve.
COLOURS:
WHITE.
RED, GREEN AND BLUE.
PINK, TEAL AND YELLOW.
MOUNTING HOLE DETAIL:
TO BE CLEAN AND
BURR FREE
20/09/13
GWR
RW
PART Nº
VOLATGE
DC (TYP)
(V)
CURRENT (mA)
POWER
(TYP)(W)
OPERATING
TEMP. (ºC)
STORAGE
TEMP.
(ºC)
MAX REVERSE
VOLTAGE (V)
NUT
MOUNTING
TORQUE
(NM)
LENS
525-095-21-50
12
WHITE: 43
RED: 16
BLUE: 7
GREEN: 20
WHITE: 0.53
RED: 0.2
BLUE: 0.09
GREEN: 0.24
-30~85
-40~100
100
1
DIFFUSED
WHITE
8.1
7.5
MODEL NAME
SHEET
DRAWING NO
ISSUE
SPL9495
1
ASS9314
1
ISSUE
MODIFICATION
DRN
DATE
1
ORIGINAL ISSUE
PR
13/08/13
© MARL INTERNATIONAL LIMITED 2013 THIS DRAWING AND COPYRIGHT THEREIN BELONGS TO MARL INTERNATIONAL LIMITED AND MUST NOT BE COPIED OR DISCLOSED
TO A THIRD PARTY WITHOUT THE PRIOR WRITTEN CONSENT OF MARL INTERNATIONAL LIMITED
TOLERANCE/ SCALE UOS
LINEAR
ANGULAR
ALL DIMENSIONS
IN MM
DRN:
DATE:
CHK1:
CHK2:
OF 1
±0.1
N/A
1:1
13/08/13
PR
Marl International Limited
Marl Business Park
Ulverston
Cumbria
LA12 9BN
t: +44 (0) 1229 582430
f: +44 (0) 1229 585155
e: sales@marl.co.uk
w: www.leds.co.uk
FEATURES
ORIGINAL SCALE
RGB PANEL LAMP


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn