Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

614-535-04-35 Datasheet(PDF) 1 Page - Marl International Limited

Part # 614-535-04-35
Description  PANEL INDICATOR LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

614-535-04-35 Datasheet(HTML) 1 Page - Marl International Limited

  614-535-04-35 Datasheet HTML 1Page - Marl International Limited 614-535-04-35 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
614 TRI-COLOUR SERIES
PANEL INDICATOR LED
FEATURES
BENEFITS
• Ø8.1mmmounting
• Worksasatri-colourindicator
• Blackanodisedaluminiumhousing
• SealedtoIP67-weatherproof
• Waterclearlens
• Internalpotting
• Reverseprotectiondiodefittedinallvoltagemodels
• Rangeofvoltageoptions
• ‘D’mountingholeaidsanti-rotation
• Simplifiesmulti-stateindication
• Suitableforportableequipment
• Suitableforexternalapplications
• Waterclearlensgivesclear“off”state
• Suitableforhighvibrationapplications
• Protectsagainstwrongpolarityinstallation(voltagemodels)
• Manufacturedwithinternalresistor
• Outstandingreliability
• Vandalresistant
MarlPart
Number
LEDColour
TypicalVoltage
DCVopr
Wiringtype
TypicalCurrent
DCIopr
Max.Reverse
Voltage
TypicalLED
Luminous
Intensity
TypicalLED
Wavelength
λp
Operating
Temp
Topr *
Storage
Temp
Tstg
614-538-04-35 Red/Green/AmberTri-Colour† 2.0/2.2**
CommonAnode 20
5
5/5
627/565
-40to+85 -40to+85
614-538-20-35 Red/Green/AmberTri-Colour† 5-6
CommonAnode 20/10
1000
5/3
627/565
-40to+85 -40to+85
614-538-21-35 Red/Green/AmberTri-Colour† 12
CommonAnode 19/9
1000
5/2
627/565
-40to+85 -40to+85
614-538-23-35 Red/Green/AmberTri-Colour† 24-28
CommonAnode 15/8
1000
4/2
627/565
-40to+85 -40to+85
614-535-04-35 Red/Green/AmberTri-Colour† 2.0/2.2**
CommonCathode 20
5
60/50
627/565
-40to+85 -40to+85
614-535-20-35 Red/Green/AmberTri-Colour† 5-6
CommonCathode 20/10
1000
60/25
627/565
-40to+85 -40to+85
614-535-21-35 Red/Green/AmberTri-Colour† 12
CommonCathode 19/9
1000
57/23
627/565
-40to+85 -40to+85
614-535-23-35 Red/Green/AmberTri-Colour† 24-28
CommonCathode 20/10
1000
60/25
627/565
-40to+85 -40to+85
Vdc
N/A
mA
Vdc
mcd
nm
°C
°C
NOTES
Intensities(lv)mayvarybetweenLEDswithinabatch. AdditionalVoltageOptionsandFlyingLeadlengthsavailableforsemi-customprojects. PleasecontactourSalesTeam.
AllLEDcomponentsaresuppliedinanti-staticpackaging.
*LEDCharacteristicsstatedatTa=25°C.Foroperatingtemperaturederatinggraphs,pleaserefertosheet2.
**TheseareCurrentmodelsandthevoltageshownisVfat20mA,notVopr.Additionally,thereisnoreverseprotectiondiodeinCurrentmodels.
†Tri-ColourLEDisRed/Green(denotedrespectively)with3leads,AmberisgeneratedbyilluminatingRedandGreensimultaneously.
Toorderpleasecontactuson+44(0)1229582430
F+44(0)1229585155 | Esales@marl.co.uk | www.leds.co.uk
marlleds marlinternationallimited company/marl-international-limited
Q05480
DSN614TRIVersionDS019/2016. Page1of2


Similar Part No. - 614-535-04-35

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
614-535-04-35 MARL-614-535-04-35 Datasheet
238Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
More results

Similar Description - 614-535-04-35

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
   PANEL INDICATOR LED
677-501-04 MARL-677-501-04_15 Datasheet
254Kb / 2P
   PANEL INDICATOR LED
699-501-63 MARL-699-501-63_14 Datasheet
266Kb / 2P
   PANEL INDICATOR LED
604-301-04 MARL-604-301-04_14 Datasheet
295Kb / 2P
   PANEL INDICATOR LED
537-501-63 MARL-537-501-63_14 Datasheet
256Kb / 2P
   PANEL INDICATOR LED
534-501-63 MARL-534-501-63_14 Datasheet
274Kb / 2P
   PANEL INDICATOR LED
531-501-63 MARL-531-501-63_14 Datasheet
276Kb / 2P
   PANEL INDICATOR LED
520-301-04 MARL-520-301-04_14 Datasheet
277Kb / 2P
   PANEL INDICATOR LED
508-501-04 MARL-508-501-04_14 Datasheet
282Kb / 2P
   PANEL INDICATOR LED
692-501-04 MARL-692-501-04 Datasheet
249Kb / 2P
   PANEL INDICATOR LED
677-501-21-53 MARL-677-501-21-53_16 Datasheet
230Kb / 2P
   PANEL INDICATOR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com