Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8S30A Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SM8S30A
Description  Surface Mount Automotive Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SM8S30A Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SM8S30A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SM8S30A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SM8S30A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SM8S10 THRU SM8S43
Surface Mount Automotive Transient Voltage Suppressors
Maximum Ratings and Thermal Characteristics (TC = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with 10/1000µs waveform
6600
10/10,000µs waveform
PPPM
5200
W
Steady state power dissipation
PD
8.0
W
Peak pulse current with a 10/1000µs waveform
(1)
IPPM
See Table 1
A
Peak forward surge current, 8.3ms single half sine-wave
IFSM
700
A
Typical thermal resistance junction to case
RθJC
0.90
°C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C
Notes: (1) Non-repetitive current pulse derated above TA=25°C
Features
• Ideally suited for load dump protection
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• High temperature stability due to unique oxide passiva-
tion and patented PAR
® construction
• Integrally molded heatsink provides a very low thermal
resistance for maximum heat dissipation
• Low leakage current at TJ = 175°C
• High temperature soldering guaranteed:
260°C for 10 seconds at terminals
• Meets ISO7637-2 surge spec.
• Low forward voltage drop
Mechanical Data
Case: Molded plastic body, surface mount with heatsink
integrally mounted in the encapsulation
Terminals: Plated, solderable per MIL-STD-750, Method 2026
Polarity: Heatsink is anode
Mounting Position: Any
Weight: 0.091 oz., 2.58 g
Packaging codes/options:
2D/750 per 13" Reel (16mm Tape),
anode towards sprocket hole, 4.5K/box
2E/750 per 13" Reel (16mm Tape),
cathode towards sprocket hole, 4.5K/box
Breakdown Voltage:10.0-43 Volts
Pesk Pulse Power:6600 Watts
Dimensions in
inches and (millimeters)
0.093(2.4)
0.116(3.0)
0.059(1.5)
0.098(2.5)
0.098(2.5)
0.138(3.5)
0.366(9.3)
0.343(8.7)
0.406(10.3)
0.382(9.7)
0.342(8.7)
0.327(8.3)
0.413(10.5)
0.374(9.5)
0.539(13.7)
0.524(13.3)
LEAD 2/METAL HEATSINK
0.020(0.5)
0.028(0.7)
0.016 (0.4) Min.
0.197(5.0)
0.185(4.7)
LEAD 1
0.628(16.0)
0.592(15.0)
*Patent #’s:
4,980,315
5,166,769
5,278,095
0.413(10.5)
0.374(9.5)
0.366(9.3)
0.343(8.7)
0.606(15.4)
0.583(14.8)
0.150(3.8)
0.126(3.2)
0.091(2.3)
0.067(1.7)
0.116(3.0)
0.093(2.4)
Mounting Pad Layout
Stand-off Voltage 10 to 43V
Peak Pulse Power 6600W (10/1000µs)
5200W (10/10,000µs)
DO-218AB
www.shunyegroup.com.cn


Similar Part No. - SM8S30A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S30A VISHAY-SM8S30A Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
SUNMATE electronic Co.,...
SM8S30A SUNMATE-SM8S30A Datasheet
201Kb / 3P
   SURFACE MOUNT Automotive transient voltage suppressors
logo
HuaXinAn Electronics CO...
SM8S30A HUAXINAN-SM8S30A Datasheet
443Kb / 4P
   6600W Transient Voltage Suppressors
logo
Vishay Siliconix
SM8S30A VISHAY-SM8S30A Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
SUNMATE electronic Co.,...
SM8S30A SUNMATE-SM8S30A Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SM8S30A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shanghai Shunye Electro...
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com