Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

677-501-21-53 Datasheet(PDF) 1 Page - Marl International Limited

Part # 677-501-21-53
Description  PANEL INDICATOR LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

677-501-21-53 Datasheet(HTML) 1 Page - Marl International Limited

  677-501-21-53_16 Datasheet HTML 1Page - Marl International Limited 677-501-21-53_16 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
677 SERIES EMC
PANEL INDICATOR LED
FEATURES
BENEFITS
• EMCmeshunderlens
• Ø8.1mmmounting
• Blackchromealuminiumhousing
• SealedtoIP67-weatherproof
• Wideviewingangle-smokedlens
• Internalpotting
• Reverseprotectiondiodefittedinallvoltagemodels
• RangeofLEDcolouroptions
• Rangeofvoltageoptions
• ProtectsagainstEMI/RFI
• 'D'mountingholeaidsanti-rotation
• Suitableforportableequipment
• Suitableforexternalapplications
• Smokedlensgivesgoodon/offcontrastratio
• Suitableforhighvibrationapplications
• Protectsagainstwrongpolarityinstallation(voltagemodels)
• Suitableforstatuspanelindication
• Manufacturedwithinternalresistor
• Outstandingreliability
• Vandalresistant
MarlPart
Number
LEDColour
TypicalVoltage
Vopr
TypicalCurrent
Iopr
Max.Reverse
Voltage
TypicalLED
Luminous
Intensity
TypicalLED
Wavelength
λp
Operating
Temp
Topr *
Storage
Temp
Tstg
677-501-21-53
Red
12
17
1000
458
625
-40to+75
-40to+100
677-521-21-53
Yellow
12
17
1000
440
590
-40to+75
-40to+100
677-532-21-53
Green
12
16
1000
2157
520
-40to+75
-40to+100
677-930-21-53
Blue
12
16
1000
452
470
-40to+75
-40to+100
677-997-21-53
CoolWhite
12
16
1000
1359
SeeBelow
-40to+75
-40to+100
677-501-23-53
Red
24-28
16-19
1000
346
625
-40to+75
-40to+100
677-521-23-53
Yellow
24-28
16-19
1000
330
590
-40to+75
-40to+100
677-532-23-53
Green
24-28
15-18
1000
1815
520
-40to+75
-40to+100
677-930-23-53
Blue
24-28
15-18
1000
364
470
-40to+75
-40to+100
677-997-23-53
CoolWhite
24-28
15-18
1000
1063
SeeBelow
-40to+75
-40to+100
677-501-76-50† Red
230Vac
3
N/A
112
625
-40to+75
-40to+100
Vdc(unlessstated)mA
Vdc
mcd
nm
°C
°C
TypicalEmissionColoursCoolWhiteLED
X
0.275
0.28
0.29
Y
0.27
0.28
0.30
NOTES
†=Pleasenotethispartnumberisfittedwith150mmflyingleadsasstandard.
Intensities(lv)andcolourshadesofwhite(X-Yco-ordinates)mayvarybetweenLEDswithinabatch. AdditionalLEDColours,VoltageOptionsandFlyingLeadlengthsavailableforsemi-
customprojects. PleasecontactourSalesTeam. AllLEDcomponentsaresuppliedinanti-staticpackaging.
*Foroperatingtemperaturederatinggraphs,pleaserefertosheet2.
Toorderpleasecontactuson+44(0)1229582430
F+44(0)1229585155 | Esales@marl.co.uk | www.leds.co.uk
Q05480
DSN677EMCVersionDS014/2016. Page1of2
marlleds marlinternationallimited company/marl-international-limited
OPTIONAL FLYING LEAD TERMINATORS
MarlPartNo.
Suffix(Example)
WireLength
WireColour
No/Diameterof
Conductors
DiameterofInsulation WireSpecification
677-501-21-53-15
150mm
Red-Anode
Black-Cathode
19/0.16mm
1.2mm
Type44,22Gauge
HighPerformanceWire
677-501-21-53-19
1000mm
Toorderyourpartwithflyingleads,pleaseaddasuffixtothepartnumberasdemonstratedbelow.


Similar Part No. - 677-501-21-53_16

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
677-501-21-53_1312 MARL-677-501-21-53_1312 Datasheet
459Kb / 5P
   high performance panel lamps
More results

Similar Description - 677-501-21-53_16

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
   PANEL INDICATOR LED
677-501-04 MARL-677-501-04_15 Datasheet
254Kb / 2P
   PANEL INDICATOR LED
699-501-63 MARL-699-501-63_14 Datasheet
266Kb / 2P
   PANEL INDICATOR LED
604-301-04 MARL-604-301-04_14 Datasheet
295Kb / 2P
   PANEL INDICATOR LED
537-501-63 MARL-537-501-63_14 Datasheet
256Kb / 2P
   PANEL INDICATOR LED
534-501-63 MARL-534-501-63_14 Datasheet
274Kb / 2P
   PANEL INDICATOR LED
531-501-63 MARL-531-501-63_14 Datasheet
276Kb / 2P
   PANEL INDICATOR LED
520-301-04 MARL-520-301-04_14 Datasheet
277Kb / 2P
   PANEL INDICATOR LED
508-501-04 MARL-508-501-04_14 Datasheet
282Kb / 2P
   PANEL INDICATOR LED
692-501-04 MARL-692-501-04 Datasheet
249Kb / 2P
   PANEL INDICATOR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com