Electronic Components Datasheet Search |
|
NCV8535MN250R2G Datasheet(PDF) 6 Page - ON Semiconductor |
|
NCV8535MN250R2G Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 22 page NCV8535 http://onsemi.com 6 ELECTRICAL CHARACTERISTICS – 3.5 V (Vout = 3.5 V typical, Vin = 3.9 V, TA = −40C to +85C, unless otherwise noted, Note 4.) Characteristic Symbol Min Typ Max Unit Output Voltage (Accuracy) Vin = 3.9 V to 7.5 V, Iload = 0.1 mA to 500 mA, TA = 25C Vout −0.9% 3.469 3.5 +0.9% 3.532 V Output Voltage (Accuracy) Vin = 3.9 V to 7.5 V, Iload = 0.1 mA to 500 mA, TA = 0C to +85C Vout −1.4% 3.451 3.5 +1.4% 3.549 V Output Voltage (Accuracy) Vin = 3.9 V to 7.5 V, Iload = 0.1 mA to 500 mA, TA = −40C to +125C Vout −1.5% 3.448 3.5 +1.5% 3.553 V Line Regulation Vin = 3.9 V to 12 V, Iload = 0.1 mA LineReg 0.04 mV/V Load Regulation Vin = 3.9 V, Iload = 0.1 mA to 500 mA LoadReg 0.04 mV/mA Dropout Voltage (See App Note) Iload = 500 mA Iload = 300 mA Iload = 50 mA Iload = 0.1 mA VDO 340 230 110 10 mV Peak Output Current (See Figure 16) Ipk 500 700 800 mA Short Output Current (See Figure 16) Isc 900 mA Thermal Shutdown TJ 160 C Ground Current In Regulation Iload = 500 mA (Note 5) Iload = 300 mA Iload = 50 mA Iload = 0.1 mA In Dropout Vin = 3.4 V, Iload = 0.1 mA In Shutdown SD = 0 V IGND IGNDsh 9.0 4.6 0.8 − − 0.07 14 7.5 2.5 190 500 1.0 mA mA mA mA Output Noise Cnr = 0 nF, Iload = 500 mA, f = 10 Hz to 100 kHz, Cout = 10 mF Cnr = 10 nF, Iload = 500 mA, f = 10 Hz to 100 kHz, Cout = 10 mF Vnoise 68 47 mVrms mVrms Shutdown Threshold Voltage ON Threshold Voltage OFF 2.0 0.4 V V SD Input Current, VSD = 0 V to 0.4 V or VSD = 2.0 V to Vin ISD 0.07 1.0 mA Output Current In Shutdown Mode, Vout = 0 V IOSD 0.07 1.0 mA Reverse Bias Protection, Current Flowing from the Output Pin to GND (Vin = 0 V, Vout_forced = 3.5 V) IOUTR 10 mA 4. Performance guaranteed over the operating temperature range by design and/or characterization, production tested at TJ = TA = 25C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible. 5. TA must be greater than 0C. |
Similar Part No. - NCV8535MN250R2G |
|
Similar Description - NCV8535MN250R2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |