Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV890430MW25TXG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV890430MW25TXG
Description  Duty Cycle Step?륞own Synchronous Regulator for Automotive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV890430MW25TXG Datasheet(HTML) 4 Page - ON Semiconductor

  NCV890430MW25TXG Datasheet HTML 1Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 2Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 3Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 4Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 5Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 6Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 7Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 8Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCV890430
www.onsemi.com
4
Table 3. ELECTRICAL CHARACTERISTICS
(VIN = 4.5 V to 28 V, EN = 5 V. Min/Max values are valid for the temperature range −40°C ≤ TJ ≤ 150°C unless noted otherwise,
and are guaranteed by test, design or statistical correlation.)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
QUIESCENT CURRENT
Quiescent Current, Enabled
VIN = 13.2 V, no switching
IqEN
2.0
3.0
mA
Quiescent Current, Shutdown
VIN = 13.2 V, VEN = 0 V, TJ = 25 °C
IqSD
5.0
8.0
mA
UNDERVOLTAGE LOCKOUT − VIN
UVLO Start Threshold
VIN Rising
VUVLSTT
4.1
4.5
V
UVLO Stop Threshold
VIN Falling
VUVLSTP
3.2
3.5
V
SOFT-START
Soft-Start Completion Time
tSS
0.8
1.4
2.0
ms
OUTPUT VOLTAGE
Output Voltage during Regulation
100
mA < IOUT < 0.6 A
5.0 V Option
3.3 V Option
2.5 V Option
VOUTreg
4.9
3.234
2.45
5.0
3.3
2.5
5.1
3.366
2.55
V
OSCILLATOR
Frequency
4.5 V < VIN < 18 V
20 V < VIN < 28 V
fSW
fSW(HV)
1.8
0.9
2.0
1.0
2.2
1.1
MHz
VBAT OVERVOLTAGE SHUTDOWN MONITOR
Overvoltage Stop Threshold
VOV1SP
37
40
V
Overvoltage Start Threshold
VOV1ST
34.5
V
Overvoltage Hysteresis
VOV1HY
0.9
1.7
2.5
V
VIN FREQUENCY FOLDBACK MONITOR
Frequency Foldback Threshold
VIN Rising
VIN Falling
VFLDUP
VFLDDN
18.4
18
20
19.8
V
Frequency Foldback Hysteresis
VFLDHY
0.2
0.3
0.4
V
PEAK CURRENT LIMIT
Current Limit Threshold
ILIM
1.5
1.7
1.9
A
Low-Side Current Limit Threshold
VSW = 13.2 V
ILIMLS
1.5
2.1
2.7
A
POWER SWITCHES
High-Side Switch ON Resistance
RDSON−HS
550
1000
m
W
Low-Side Switch ON Resistance
RDSON−LS
300
550
m
W
Leakage Current VIN to SW
EN = 0 V, VSW = 0
ILKSWH
10
mA
Leakage Current SW to GND
EN = 0 V, VSW = VIN
ILKSWL
10
mA
Minimum ON Time
Measured at SW Pin
2.5 V Option
3.3 V & 5.0 V Options
tONMIN
35
45
55
70
ns
Minimum OFF Time when Not 100% Duty
Cycle
Measured at SW Pin at fSW = 2 MHz
tOFFMIN
30
50
ns
Non-Overlap Time
tNOVLP
10
ns
SLOPE COMPENSATION
Ramp Slope (Note 2)
(With Respect to Switch Current)
4.5 V < VIN < 18 V
20 V < VIN < 28 V
Sramp
Sramp(HV)
1.05
0.45
1.5
0.70
1.95
0.95
A/
ms


Similar Part No. - NCV890430MW25TXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890430MW25TXG ONSEMI-NCV890430MW25TXG Datasheet
160Kb / 9P
   Duty Cycle Step-Down Synchronous Regulator
June, 2015 ??Rev. P3
More results

Similar Description - NCV890430MW25TXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890430 ONSEMI-NCV890430 Datasheet
160Kb / 9P
   Duty Cycle Step-Down Synchronous Regulator
June, 2015 ??Rev. P3
logo
Monolithic Power System...
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
logo
Linear Technology
LT3514 LINER-LT3514_15 Datasheet
476Kb / 26P
   Triple Step-Down Switching Regulator with 100 Duty Cycle Operation
LT3514 LINER-LT3514 Datasheet
330Kb / 6P
   Triple Step-Down Switching Regulator with 100% Duty Cycle Operation
logo
Monolithic Power System...
MP2116 MPS-MP2116 Datasheet
532Kb / 13P
   2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
logo
Linear Technology
LT3504 LINER-LT3504_15 Datasheet
491Kb / 24P
   Quad 40V/1A Step-Down Switching Regulator with 100 Duty Cycle Operation
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341 AMSCO-AS1341_1 Datasheet
925Kb / 17P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
logo
Analog Devices
ADP2102 AD-ADP2102_15 Datasheet
792Kb / 24P
   Low Duty Cycle, 600 mA, 3 MHz Synchronous Step-Down DC-to-DC Converter
REV. B
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com