Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1013ST100T3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1013ST100T3G
Description  Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1013ST100T3G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1013ST100T3G Datasheet HTML 1Page - ON Semiconductor NCP1013ST100T3G Datasheet HTML 2Page - ON Semiconductor NCP1013ST100T3G Datasheet HTML 3Page - ON Semiconductor NCP1013ST100T3G Datasheet HTML 4Page - ON Semiconductor NCP1013ST100T3G Datasheet HTML 5Page - ON Semiconductor NCP1013ST100T3G Datasheet HTML 6Page - ON Semiconductor NCP1013ST100T3G Datasheet HTML 7Page - ON Semiconductor NCP1013ST100T3G Datasheet HTML 8Page - ON Semiconductor NCP1013ST100T3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
http://onsemi.com
4
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage on all pins, except Pin 5 (Drain)
VCC
−0.3 to 10
V
Drain Voltage
−0.3 to 700
V
Drain Current Peak during Transformer Saturation
NCP1010/11
NCP1012/13/14
IDS(pk)
550
1.0
mA
A
Maximum Current into Pin 1 when Activating the 8.7 V Active Clamp
I_VCC
15
mA
Thermal Characteristics
P Suffix, Case 626A
Junction−to−Lead
Junction−to−Air, 2.0 oz (70
mm) Printed Circuit Copper Clad
0.36 Sq. Inch (2.32 Sq. Cm)
1.0 Sq. Inch (6.45 Sq. Cm)
ST Suffix, Plastic Package Case 318E
Junction−to−Lead
Junction−to−Air, 2.0 oz (70
mm) Printed Circuit Copper Clad
0.36 Sq. Inch (2.32 Sq. Cm)
1.0 Sq. Inch (6.45 Sq. Cm)
RqJL
RqJA
RqJL
RqJA
9.0
77
60
14
74
55
°C/W
Maximum Junction Temperature
TJmax
150
°C
Storage Temperature Range
−60 to +150
°C
ESD Capability, Human Body Model (All pins except HV)
2.0
kV
ESD Capability, Machine Model
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - NCP1013ST100T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1013ST100T3G ONSEMI-NCP1013ST100T3G Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1013ST100T3G ONSEMI-NCP1013ST100T3G Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
More results

Similar Description - NCP1013ST100T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1014 ONSEMI-NCP1014 Datasheet
324Kb / 24P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
September, 2004 ??Rev. 10
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
   Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
   Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
   Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
   Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com