Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP51460 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP51460
Description  20mA Micropower Precision Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51460 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP51460_16 Datasheet HTML 1Page - ON Semiconductor NCP51460_16 Datasheet HTML 2Page - ON Semiconductor NCP51460_16 Datasheet HTML 3Page - ON Semiconductor NCP51460_16 Datasheet HTML 4Page - ON Semiconductor NCP51460_16 Datasheet HTML 5Page - ON Semiconductor NCP51460_16 Datasheet HTML 6Page - ON Semiconductor NCP51460_16 Datasheet HTML 7Page - ON Semiconductor NCP51460_16 Datasheet HTML 8Page - ON Semiconductor NCP51460_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NCP51460
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 4. Output Voltage vs. Temperature
Figure 5. Dropout Voltage
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Quiescent Current
Figure 7. Line Regulation
VIN, INPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
3.267
3.272
3.277
3.282
3.287
3.292
3.297
3.302
3.307
3.312
3.317
3.322
3.327
3.332
−40 −20
0
20
40
60
80
100 120 140
VIN = 5.8 V
IOUT = 0 mA
COUT = 0 mF
Unit 1
Unit 2
Unit 3
Three Typical Parts
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
−40 −20
0
20
40
60
80
100 120 140
IO = 0 mA
IO = 1 mA
IO = 5 mA
IO = 10 mA
IO = 20 mA
0
50
100
150
200
250
300
350
400
450
0
2
4
6
8
10
12
14
16
18
20
IOUT = 0 mA
COUT = 0 mF
TJ = 25°C
TJ = −25°C
TJ = 125°C
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
−40 −20
0
20
40
60
80
100 120 140
VIN = 5.8 to 23.3 V
IOUT = 0 mA
COUT = 0 mF
VIN = 5.8 to 18.3 V
VIN = 5.8 to 15.3 V
VIN = 5.8 to 12.3 V
VIN = 5.8 to 9.3 V
12
10
8
6
4
2
0
−40 −20
0
20
40
60
80
100 120 140
Figure 8. Load Regulation Sourcing
TJ, JUNCTION TEMPERATURE (°C)
VIN = 5.8 V
COUT = 0 mF
IOUT = 0 to
20 mA
IOUT = 0 to
15 mA
IOUT = 0 to
5 mA
IOUT = 0 to
1 mA
IOUT = 0 to
10 mA
Figure 9. Load Regulation Sinking
TJ, JUNCTION TEMPERATURE (°C)
0
20
40
60
80
100
120
140
160
−40 −20
0
20
40
60
80
100 120 140
IOUT = 0 mA
down to −2 mA
IOUT = 0 mA
down to −1.50 mA
IOUT = 0 mA
down to −1.2 mA
IOUT = 0 mA
down to −500 mA
VIN = 5.8 V
COUT = 0 mF
COUT = 0 mF


Similar Part No. - NCP51460_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51460 ONSEMI-NCP51460_1 Datasheet
444Kb / 11P
   20mA Micropower Precision Voltage Reference
October, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com